Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12030 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC12030
Description  12-Bit Plus Sign Serial I/O A/D Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12030 Datasheet(HTML) 3 Page - Texas Instruments

  ADC12030 Datasheet HTML 1Page - Texas Instruments ADC12030 Datasheet HTML 2Page - Texas Instruments ADC12030 Datasheet HTML 3Page - Texas Instruments ADC12030 Datasheet HTML 4Page - Texas Instruments ADC12030 Datasheet HTML 5Page - Texas Instruments ADC12030 Datasheet HTML 6Page - Texas Instruments ADC12030 Datasheet HTML 7Page - Texas Instruments ADC12030 Datasheet HTML 8Page - Texas Instruments ADC12030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
www.ti.com
SNAS080K – JULY 1999 – REVISED MARCH 2013
Top View
Top View
Figure 3. 24-Pin Wide Body
Figure 4. 28-Pin Wide Body
SOIC, PDIP, SSOP Packages
SOIC Package
See Package Numbers DW0024B, NAM0024D,
See Package Number DW0028B
DB0024A
PIN DESCRIPTIONS
Pin Name
Pin Description
Analog Inputs to the MUX (multiplexer). A channel input is selected by the address information at the DI pin, which
is loaded on the rising edge of SCLK into the address register (See Table 2, Table 3, and Table 4). The voltage
CH0 thru CH7
applied to these inputs should not exceed VA+ or go below VA- or below GND. Exceeding this range on an
unselected channel may corrupt the reading of a selected channel.
COM
Analog input pin that is used as a pseudo ground when the analog multiplexer is single-ended.
MUXOUT1
Multiplexer Output pins. If the multiplexer is used, these pins should be connected to the A/DIN pins, directly or
MUXOUT2
through an amplifier and/of filter.
Converter Input pins. MUXOUT1 is usually tied to A/DIN1. MUXOUT2 is usually tied to A/DIN2. If external circuitry
A/DIN1
is placed between MUXOUT1 and A/DIN1, or MUXOUT2 and A/DIN2, it may be necessary to protect these pins
A/DIN2
against voltage overload.. The voltage at these pins should not exceed VA
+ or go below AGND (see Figure 60).
Data Output pin. This pin is an active push/pull output when CS is low. When CS is high, this output is TRI-STATE.
The conversion result (D0–D12) and converter status data are clocked out by the falling edge of SCLK on this pin.
DO
The word length and format of this result can vary (see Table 1). The word length and format are controlled by the
data shifted into the multiplexer address and mode select register (see Table 5).
Serial Data input pin. The data applied to this pin is shifted by the rising edge of SCLK into the multiplexer address
DI
and mode select register. Table 2 through Table 5 show the assignment of the multiplexer address and the mode
select data.
This pin is an active push/pull output which indicates the status of the ADC12030/2/4/8. A logic low on this pin
EOC
indicates that the ADC is busy with a conversion, Auto Calibration, Auto Zero or power down cycle. The rising edge
of EOC signals the end of one of these cycles.
A logic low is required at this pin to program any mode or to change the ADC's configuration as listed in Mode
Programming Table 5. When this pin is high, the ADC is placed in the read data only mode. While in the read data
only mode, bringing CS low and pulsing SCLK will only clock out the data stored in the ADCs output shift register.
CONV
The data on DI will be neglected. A new conversion will not be started and the ADC will remain in the mode and/or
configuration previously programmed. Read data only cannot be performed while a conversion, Auto Cal or Auto
Zero are in progress.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038


Similar Part No. - ADC12030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030 NSC-ADC12030 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030CIWM NSC-ADC12030CIWM Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030CIWM NSC-ADC12030CIWM Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com