Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL040 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL040
Description  210mW A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040 Datasheet(HTML) 2 Page - Texas Instruments

  ADC12DL040 Datasheet HTML 1Page - Texas Instruments ADC12DL040 Datasheet HTML 2Page - Texas Instruments ADC12DL040 Datasheet HTML 3Page - Texas Instruments ADC12DL040 Datasheet HTML 4Page - Texas Instruments ADC12DL040 Datasheet HTML 5Page - Texas Instruments ADC12DL040 Datasheet HTML 6Page - Texas Instruments ADC12DL040 Datasheet HTML 7Page - Texas Instruments ADC12DL040 Datasheet HTML 8Page - Texas Instruments ADC12DL040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ADC12DL040
VINB-
VINB+
AGND
AGND
AGND
VREF
VRNB
VRPB
VRMB
VA
VINA-
VINA+
MULTIPLEX
VRNA
VRPA
VRMA
DB0/ABb
VD
DB1
DB2
DB3
DB4
DB5
DR GND
DA6
DA7
DA8
DA9
DA10
DA11
VD
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
48
47
46
45
44
43
42
41
40
39
38
37
35
34
33
36
OEB
ADC12DL040
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Connection Diagram
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL040


Similar Part No. - ADC12DL040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
   Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040 Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
ADC12DL040CIVS TI1-ADC12DL040CIVS Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
ADC12DL040CIVSX TI1-ADC12DL040CIVSX Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
More results

Similar Description - ADC12DL040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
   Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
[Old version datasheet]   ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
   D/A Converter
logo
Analog Devices
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
   A/D Converter
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
   D/A Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com