Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DL066 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12DL066
Description  450 MHz Input Bandwidth A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL066 Datasheet(HTML) 1 Page - Texas Instruments

  ADC12DL066_15 Datasheet HTML 1Page - Texas Instruments ADC12DL066_15 Datasheet HTML 2Page - Texas Instruments ADC12DL066_15 Datasheet HTML 3Page - Texas Instruments ADC12DL066_15 Datasheet HTML 4Page - Texas Instruments ADC12DL066_15 Datasheet HTML 5Page - Texas Instruments ADC12DL066_15 Datasheet HTML 6Page - Texas Instruments ADC12DL066_15 Datasheet HTML 7Page - Texas Instruments ADC12DL066_15 Datasheet HTML 8Page - Texas Instruments ADC12DL066_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADC12DL066
www.ti.com
SNAS188G – FEBRUARY 2004 – REVISED FEBRUARY 2013
ADC12DL066 Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal
Reference
Check for Samples: ADC12DL066
1
FEATURES
DESCRIPTION
The ADC12DL066 is a dual, low power monolithic
2
Choice of Binary or 2’s Complement Output
CMOS
analog-to-digital
converter
capable
of
Format
converting analog input signals into 12-bit digital
Single +3.3V Supply Operation
words at 66 Megasamples per second (Msps),
Outputs 2.4V to 3.3V Compatible
minimum. This converter uses a differential, pipeline
architecture with digital error correction and an on-
Pin Compatible with ADC12D040
chip sample-and-hold circuit to minimize die size and
Power Down Mode
power consumption while providing excellent dynamic
Internal/External Reference
performance and a 450 MHz Full Power Bandwidth.
Operating on a single 3.3V power supply, the
ADC12DL066
achieves
10.7
effective
bits
and
KEY SPECIFICATIONS
consumes just 686 mW at 66 Msps, including the
Resolution: 12 Bits
reference current. The Power Down feature reduces
DNL: ±0.5 LSB (typ)
power consumption to 75 mW.
SNR (fIN = 10 MHz): 66 dB (typ)
The differential inputs provide a full scale differential
SFDR (fIN = 10 MHz): 81 dB (typ)
input swing equal to 2 times VREF with the possibility
of a single-ended input. Full use of the differential
Power Consumption
input is recommended for optimum performance. The
Operating: 686 mW (typ)
digital outputs from the two ADCs are available on
Power Down Mode: 75 mW (typ)
separate 12-bit buses with an output data format
choice of offset binary or two’s complement.
APPLICATIONS
To ease interfacing to lower voltage systems, the
Ultrasound and Imaging
digital output driver power pins of the ADC12DL066
can be connected to a separate supply voltage in the
Instrumentation
range of 2.4V to the digital supply voltage.
Communications Receivers
This device is available in the 64-lead TQFP package
Sonar/Radar
and will operate over the industrial temperature range
xDSL
of
−40°C to +85°C. An evaluation board is available
Cable Modems
to ease the evaluation process.
DSP Front Ends
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12DL066_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
More results

Similar Description - ADC12DL066_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com