Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12EU050 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC12EU050
Description  45 MSPS Sigma-Delta Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12EU050 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12EU050 Datasheet HTML 7Page - Texas Instruments ADC12EU050 Datasheet HTML 8Page - Texas Instruments ADC12EU050 Datasheet HTML 9Page - Texas Instruments ADC12EU050 Datasheet HTML 10Page - Texas Instruments ADC12EU050 Datasheet HTML 11Page - Texas Instruments ADC12EU050 Datasheet HTML 12Page - Texas Instruments ADC12EU050 Datasheet HTML 13Page - Texas Instruments ADC12EU050 Datasheet HTML 14Page - Texas Instruments ADC12EU050 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
D1
D2
D3
D4
D5
D6
D7
D9
D8
D11
D0
D1
D2
D3
D11
D10
D4
D5
BCLK+
WCLK-
Output data
System Clock
tH
tS
tBCLK
tDV
tR
Sample n
Sample n+1
WCLK+
BCLK-
DOn+
DOn-
Word Clock
Bit Clock
D0
tWCLK
tF
D10
ADC12EU050
www.ti.com
SNAS444I – JANUARY 2008 – REVISED APRIL 2013
AC AND TIMING CHARACTERISTICS (SERIAL INTERFACE)
Unless otherwise specified, the following conditions apply: VA = VD = 1.2V; VDR = 1.2V; VREF = internal; RREF = 10kohm ±1%;
CL = 5pF; 100Ω terminated at the receiver; fCLK = 45MHz; fS = 45MSPS. Boldface limits apply for TA = TMIN to TMAX; All other
limits apply for TA = +25°C.
Symb
Parameter
Conditions
Typical(1)
Limits
Units
ol
Serial Interface
tSSELS
SSEL setup time
250
ns
tSSELH SSEL hold time
250
ns
tWS
SDATA setup time, write transaction
250
15
ns (max)
tWH
SDATA hold time, write transaction
250
10
ns (max)
tSCLK
SCLK period
1
0.2
µs (min)
tSCLKL
SCLK low time
450
ns (min)
tSCLKH SCLK high time
450
ns (min)
tSCLKR SCLK rise time
50
ns
tSCLKF
SCLK fall time
50
ns
tSSELHI SSEL high time
Applies to read and write transactions
500
ns
SDATA valid setup time, read
tRS
100
-5
ns (min)
transaction
tRH
SDATA valid hold time, read transaction
250
10
ns (min)
(1)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
TIMING DIAGRAMS
Figure 2. LVDS/SLVS Output Timing
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12EU050


Similar Part No. - ADC12EU050

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12EU050 NSC-ADC12EU050 Datasheet
179Kb / 8P
   Ultra-Low Power, Octal, 12-bit, 40-50 MSPS Analog-to-Digital Converter
ADC12EU050 NSC-ADC12EU050 Datasheet
932Kb / 48P
   Ultra-Low Power, Octal, 12-bit, 40-50 MSPS Sigma-Delta Analog-to-Digital Converter
ADC12EU050 NSC-ADC12EU050 Datasheet
856Kb / 48P
   Ultra-Low Power, Octal, 12-bit, 40-50 MSPS Sigma-Delta Analog-to-Digital Converter
ADC12EU050CILQ NSC-ADC12EU050CILQ Datasheet
179Kb / 8P
   Ultra-Low Power, Octal, 12-bit, 40-50 MSPS Analog-to-Digital Converter
ADC12EU050CIPLQ NSC-ADC12EU050CIPLQ Datasheet
856Kb / 48P
   Ultra-Low Power, Octal, 12-bit, 40-50 MSPS Sigma-Delta Analog-to-Digital Converter
More results

Similar Description - ADC12EU050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD58 TI1-TLC320AD58 Datasheet
192Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
logo
Cirrus Logic
CS5451A CIRRUS-CS5451A_10 Datasheet
121Kb / 14P
   Six-channel, Delta-sigma Analog-to-digital Converter
CS5451A CIRRUS-CS5451A Datasheet
188Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
CS5451A CIRRUS-CS5451A_05 Datasheet
160Kb / 13P
   Six-channel, Delta-sigma Analog-to-digital Converter
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
logo
List of Unclassifed Man...
CS5451 ETC-CS5451 Datasheet
365Kb / 14P
   SIX CHANNEL DELTA SIGMA ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com