Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L063 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L063
Description  354 mW A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L063 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12L063 Datasheet HTML 4Page - Texas Instruments ADC12L063 Datasheet HTML 5Page - Texas Instruments ADC12L063 Datasheet HTML 6Page - Texas Instruments ADC12L063 Datasheet HTML 7Page - Texas Instruments ADC12L063 Datasheet HTML 8Page - Texas Instruments ADC12L063 Datasheet HTML 9Page - Texas Instruments ADC12L063 Datasheet HTML 10Page - Texas Instruments ADC12L063 Datasheet HTML 11Page - Texas Instruments ADC12L063 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADC12L063
SNAS144E – JULY 2001 – REVISED MARCH 2013
www.ti.com
DC and Logic Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD= VDR = +3.3V, PD
= 0V, VREF = +1.0V, fCLK = 62 MHz, tr = tf = 2 ns, CL = 20 pF/pin. Boldface limits apply for TA = TJ = TMIN to TMAX: all other
limits TA = TJ = 25°C
(1)(2)(3)
Units
Symbol
Parameter
Conditions
Typical (4)
Limits (4)
(Limits)
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA
2.7
V(min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA
0.4
V(max)
VOUT = 3.3V
100
nA
IOZ
TRI-STATE Output Current
VOUT = 0V
−100
nA
+ISC
Output Short Circuit Source Current
VOUT = 0V
−20
mA(min)
−ISC
Output Short Circuit Sink Current
VOUT = VDR
20
mA(min)
POWER SUPPLY CHARACTERISTICS
PD Pin = DGND, VREF = 1.0V
102
140
mA(max)
IA
Analog Supply Current
PD Pin = VDR
4
mA
PD Pin = DGND
5.3
7
mA(max)
ID
Digital Supply Current
PD Pin = VDR, fCLK = 0
2
mA
PD Pin = DGND, (5)
<1
mA(max)
IDR
Digital Output Supply Current
PD Pin = VDR, fCLK = 0
0
mA
PD Pin = DGND, CL = 0 pF
(6)
354
485
mW
Total Power Consumption
PD Pin = VDR, fCLK = 0
50
mW
Rejection of Full-Scale Error with
PSRR1
Power Supply Rejection
58
dB
VA = 3.0V vs 3.6V
SNR Degradation w/10 MHz,
PSRR2
Power Supply Rejection
−53
dB
250 mVP-P riding on VA
DYNAMIC CONVERTER CHARACTERISTICS
BW
Full Power Bandwidth
0 dBFS Input, Output at
−3 dB
170
MHz
fIN = 1 MHz, Differential VIN = −0.5 dBFS
66
dB
SNR
Signal-to-Noise Ratio
fIN = 10 MHz, Differential VIN = −0.5 dBFS
66
63.3
dB(min)
fIN = 1 MHz, Differential VIN = −0.5 dBFS
65
dB
SINAD
Signal-to-Noise and Distortion
fIN = 10 MHz, Differential VIN = −0.5 dBFS
65
62
dB
fIN = 1 MHz, Differential VIN = −0.5 dBFS
10.6
Bits
ENOB
Effective Number of Bits
fIN = 10 MHz, Differential VIN = −0.5 dBFS
10.3
10.0
Bits
fIN = 1 MHz, Differential VIN = −0.5 dBFS
−80
dB
THD
Total Hamonic Distortion
fIN = 10 MHz, Differential VIN = −0.5 dBFS
−74
−65
dB(max)
fIN = 1 MHz, Differential VIN = −0.5 dBFS
82
dB
SFDR
Spurious Free Dynamic Range
fIN = 10 MHz, Differential VIN = −0.5 dBFS
78
dB(min)
fIN = 9.5 MHz and 10.5 MHz, each = −7
IMD
Intermodulation Distortion
−75
dBFS
dBFS
(5)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x
f11) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
(6)
Excludes IDR. See Note 5.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC12L063


Similar Part No. - ADC12L063

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L063CIVY NSC-ADC12L063CIVY Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063CIVY TI1-ADC12L063CIVY Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12L063

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
ADC12062 NSC-ADC12062 Datasheet
355Kb / 20P
   12-Bit, 1 MHz, 75 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com