Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L066 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12L066
Description  450 MHz Bandwidth A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L066 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12L066 Datasheet HTML 2Page - Texas Instruments ADC12L066 Datasheet HTML 3Page - Texas Instruments ADC12L066 Datasheet HTML 4Page - Texas Instruments ADC12L066 Datasheet HTML 5Page - Texas Instruments ADC12L066 Datasheet HTML 6Page - Texas Instruments ADC12L066 Datasheet HTML 7Page - Texas Instruments ADC12L066 Datasheet HTML 8Page - Texas Instruments ADC12L066 Datasheet HTML 9Page - Texas Instruments ADC12L066 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADC12L066
SNAS153I – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, VREF = +1.0V, VCM = 1.0V, fCLK = 66 MHz, tr = tf = 2 ns, CL = 15 pF/pin. Boldface limits apply for TJ = TMIN
to TMAX: all other limits TJ = 25°C
(1) (2) (3) (4)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
+2.7
LSB (max)
INL
Integral Non Linearity(5)
±1.2
−3
LSB (min)
+1
LSB (max)
DNL
Differential Non Linearity
±0.4
−0.95
LSB (min)
Positive Error
−0.15
±3
%FS (max)
GE
Gain Error
+4
%FS (max)
Negative Error
+0.4
−5
%FS (min)
Offset Error (VIN+ = VIN−)
+0.2
±1.3
%FS (max)
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
0.5
V (min)
VCM
Common Mode Input Voltage
1.0
1.5
V (max)
(CLK LOW)
8
pF
CIN
VIN Input Capacitance (each pin to GND)
VIN + 1.0 Vdc + 1 VP-P
(CLK HIGH)
7
pF
0.8
V (min)
VREF
Reference Voltage(6)
1.0
1.5
V (max)
Reference Input Resistance
100
M
Ω (min)
(1)
The inputs are protected as shown below. Input voltages above VA or below GND will not damage this device, provided current is limited
per Note 4 under Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes above VA or below
GND by more than 100 mV. As an example, if VA is 3.3V, the full-scale input voltage must be ≤3.4V to ensure accurate conversions.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2 VP-P differential input), the 12-bit LSB is 488 µV.
(4)
Typical figures are at TA = TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average
Outgoing Quality Level).
(5)
Integral Non Linearity is defined as the deviation of the analog value, expressed in LSB, from the straight line that passes through
positive and negative full-scale.
(6)
Optimum dynamic performance will be obtained by keeping the reference input in the 0.8V to 1.5V range. The LM4051CIM3-ADJ or the
LM4051CIM3-1.2 bandgap voltage reference is recommended for this application.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC12L066


Similar Part No. - ADC12L066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12L066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
ADC12DL066 TI1-ADC12DL066_15 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
National Semiconductor ...
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com