Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14DS080 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14DS080
Description  80 MSPS A/D Converter with Serial LVDS Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14DS080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC14DS080 Datasheet HTML 6Page - Texas Instruments ADC14DS080 Datasheet HTML 7Page - Texas Instruments ADC14DS080 Datasheet HTML 8Page - Texas Instruments ADC14DS080 Datasheet HTML 9Page - Texas Instruments ADC14DS080 Datasheet HTML 10Page - Texas Instruments ADC14DS080 Datasheet HTML 11Page - Texas Instruments ADC14DS080 Datasheet HTML 12Page - Texas Instruments ADC14DS080 Datasheet HTML 13Page - Texas Instruments ADC14DS080 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
VA
AGND
To Internal Circuitry
I/O
VA
AGND
To Internal Circuitry
I/O
ADC14DS080
SNAS428B – SEPTEMBER 2007 – REVISED APRIL 2013
www.ti.com
Timing and AC Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VDR = +3.0V, Internal VREF =
+1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C. Timing measurements are taken at 50%
of the signal amplitude. Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Symb
Parameter
Conditions
Typical (3)
Limits
(Limits)
In Single-Lane Mode
65
Maximum Clock Frequency
MHz (max)
In Dual-Lane Mode
80
In Single-Lane Mode
25
Minimum Clock Frequency
MHz (min)
In Dual-Lane Mode
52.5
Single-Lane Mode
7.5
tCONV
Conversion Latency
Dual-Lane, Offset Mode
8
Clock Cycles
Dual-Lane, Word Aligned Mode
9
tAD
Aperture Delay
0.6
ns
tAJ
Aperture Jitter
0.1
ps rms
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Absolute Maximum Ratings, Note 4. However, errors in the A/D conversion can occur if the input goes above 2.6V
or below GND as described in the Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 14-bit LSB is 122.1 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
LVDS Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VDR = +3.0V, Internal VREF =
+1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C. Timing measurements are taken at 50%
of the signal amplitude. Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Symbol
Parameter
Conditions
Typical (3)
Limits
(Limits)
LVDS DC CHARACTERISTICS
Output Differential Voltage
250
mV (min)
VOD
RL = 100Ω
350
(SDO+) - (SDO-)
450
mV (max)
delta
Output Differential Voltage Unbalance
RL = 100Ω
±25
mV (max)
VOD
1.125
V (min)
VOS
Offset Voltage
RL = 100Ω
1.25
1.375
V (max)
delta VOS Offset Voltage Unbalance
RL = 100Ω
±25
mV (max)
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Absolute Maximum Ratings, Note 4. However, errors in the A/D conversion can occur if the input goes above 2.6V
or below GND as described in the Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 14-bit LSB is 122.1 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC14DS080


Similar Part No. - ADC14DS080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14DS080 NSC-ADC14DS080 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080CISQ NSC-ADC14DS080CISQ Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080LFEB NSC-ADC14DS080LFEB Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
More results

Similar Description - ADC14DS080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_15 Datasheet
1Mb / 31P
[Old version datasheet]   130 MSPS A/D Converter With LVDS Outputs
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
[Old version datasheet]   80 MSPS A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com