Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121C021 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC121C021
Description  12-Bit Analog-to-Digital Converter with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121C021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC121C021_15 Datasheet HTML 2Page - Texas Instruments ADC121C021_15 Datasheet HTML 3Page - Texas Instruments ADC121C021_15 Datasheet HTML 4Page - Texas Instruments ADC121C021_15 Datasheet HTML 5Page - Texas Instruments ADC121C021_15 Datasheet HTML 6Page - Texas Instruments ADC121C021_15 Datasheet HTML 7Page - Texas Instruments ADC121C021_15 Datasheet HTML 8Page - Texas Instruments ADC121C021_15 Datasheet HTML 9Page - Texas Instruments ADC121C021_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADC121C021, ADC121C021Q, ADC121C027
SNAS415F – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V, GND = 0V, fSCL up to 3.4MHz, fIN = 1kHz for fSCL up to 400kHz,
fIN = 10kHz for fSCL = 3.4MHz unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
unless otherwise noted.
(1)
Symbol
Parameter
Conditions
Typical(2)
Limits(2)
Units (Limits)
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7V to +3.6V
11.7
11.3
Bits (min)
ENOB
Effective Number of Bits
VA = +3.6V to +5.5V
11.5
Bits (min)
VA = +2.7V to +3.6V
72.5
70.4
dB (min)
SNR
Signal-to-Noise Ratio
VA = +3.6V to +5.5V
71
dB (min)
VA = +2.7V to +3.6V
−92
−78
dB (max)
THD
Total Harmonic Distortion
VA = +3.6V to +5.5V
−87
dB (max)
VA = +2.7V to +3.6V
72.6
70
dB (min)
SINAD
Signal-to-Noise Plus Distortion Ratio
VA = +3.6V to +5.5V
71
dB (min)
VA = +2.7V to +3.6V
90
76
dB (min)
SFDR
Spurious-Free Dynamic Range
VA = +3.6V to +5.5V
87
dB (min)
VA = +3.0V,
−89
dB
fa = 1.035 kHz, fb = 1.135 kHz
Intermodulation Distortion, Second
Order Terms (IMD2)
VA = +5.0V,
−91
dB
fa = 1.035 kHz, fb = 1.135 kHz
IMD
VA = +3.0V,
−88
dB
fa = 1.035 kHz, fb = 1.135 kHz
Intermodulation Distortion, Third
Order Terms (IMD3)
VA = +5.0V,
−88
dB
fa = 1.035 kHz, fb = 1.135 kHz
VA = +3.0V
8
MHz
FPBW
Full Power Bandwidth (
−3dB)
VA = +5.0V
11
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current(4)
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
3
pF
SERIAL INTERFACE INPUT CHARACTERISTICS (SCL, SDA)
VIH
Input High Voltage
0.7 x VA
V (min)
VIL
Input Low Voltage
0.3 x VA
V (max)
IIN
Input Current(4)
±1
µA (max)
CIN
Input Pin Capacitance
3
pF
VHYST
Input Hysteresis
0.1 x VA
V (min)
ADDRESS SELECTION INPUT CHARACTERISTICS (ADDR)
VIH
Input High Voltage
VA - 0.5V
V (min)
VIL
Input Low Voltage
0.5
V (max)
IIN
Input Current(4)
±1
µA (max)
LOGIC OUTPUT CHARACTERISTICS, OPEN-DRAIN (SDA, ALERT)
ISINK = 3 mA
0.4
V (max)
VOL
Output Low Voltage
ISINK = 6 mA
0.6
V (max)
High Impedance Output Leakage
IOZ
±1
µA (max)
Current(4)
Output Coding
Straight (Natural) Binary
(4)
This parameter is ensured by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC121C021 ADC121C021Q ADC121C027


Similar Part No. - ADC121C021_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
More results

Similar Description - ADC121C021_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com