Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121C021 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC121C021
Description  12-Bit Analog-to-Digital Converter with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121C021 Datasheet(HTML) 3 Page - Texas Instruments

  ADC121C021 Datasheet HTML 1Page - Texas Instruments ADC121C021 Datasheet HTML 2Page - Texas Instruments ADC121C021 Datasheet HTML 3Page - Texas Instruments ADC121C021 Datasheet HTML 4Page - Texas Instruments ADC121C021 Datasheet HTML 5Page - Texas Instruments ADC121C021 Datasheet HTML 6Page - Texas Instruments ADC121C021 Datasheet HTML 7Page - Texas Instruments ADC121C021 Datasheet HTML 8Page - Texas Instruments ADC121C021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Snap
Back
GND
D1
PIN
V+
2.1k
41.5k
41.5k
Snap
Back
GND
D1
PIN
ADC121C021, ADC121C021Q, ADC121C027
www.ti.com
SNAS415F – JANUARY 2008 – REVISED MARCH 2013
PIN DESCRIPTIONS
Symbol
Type
Equivalent Circuit
Description
Power and unbuffered reference voltage. VA must be free of
VA
Supply
noise and decoupled to GND.
GND
Ground
Ground for all on-chip circuitry.
VIN
Analog Input
See Figure 22
Analog input. This signal can range from GND to VA.
Alert output. Can be configured as active high or active low.
ALERT
Digital Output
This is an open drain data line that must be pulled to the
supply (VA) with an external pull-up resistor.
Serial Clock Input. SCL is used together with SDA to control
the transfer of data in and out of the device. This is an open
SCL
Digital Input
drain data line that must be pulled to the supply (VA) with an
external pull-up resistor.
Serial Data bi-directional connection. Data is clocked into or
Digital
out of the internal 16-bit register with SCL. This is an open
SDA
Input/Output
drain data line that must be pulled to the supply (VA) with an
external pull-up resistor.
Tri-level Address Selection Input. Sets Bits A0 & A1 of the
ADR0
7-bit slave address. (see Table 1)
Digital Input,
three levels
Tri-level Address Selection Input. Sets Bits A2 & A3 of the
ADR1
7-bit slave address. (see Table 1)
Package Pinouts
VA
GND
VIN
ALERT
SCL
SDA
ADR0
ADR1
ADC121C021, SOT
1
2
3
4
5
6
N/A
N/A
ADC121C027, SOT
1
2
3
N/A
5
6
4
N/A
ADC121C021, VSSOP
5
7
4
2
1
8
3
6
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC121C021 ADC121C021Q ADC121C027


Similar Part No. - ADC121C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI-ADC121C021 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC121C021 TI1-ADC121C021 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021CIMK NSC-ADC121C021CIMK Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021CIMKX NSC-ADC121C021CIMKX Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
More results

Similar Description - ADC121C021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com