Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S051 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC121S051
Description  Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S051 Datasheet(HTML) 5 Page - Texas Instruments

  ADC121S051 Datasheet HTML 1Page - Texas Instruments ADC121S051 Datasheet HTML 2Page - Texas Instruments ADC121S051 Datasheet HTML 3Page - Texas Instruments ADC121S051 Datasheet HTML 4Page - Texas Instruments ADC121S051 Datasheet HTML 5Page - Texas Instruments ADC121S051 Datasheet HTML 6Page - Texas Instruments ADC121S051 Datasheet HTML 7Page - Texas Instruments ADC121S051 Datasheet HTML 8Page - Texas Instruments ADC121S051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADC121S051
www.ti.com
SNAS302I – JULY 2005 – REVISED JANUARY 2014
ADC121S051 Converter Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VA = +2.7V to 5.25V, fSCLK = 4 MHz to 10 MHz, fSAMPLE = 200 ksps to 500 ksps, CL = 15
pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.07
VA − 0.2
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.1
V
ISINK = 200 µA
0.03
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.1
V
IOZH, IOZL TRI-STATE® Leakage Current
±0.1
±10
µA (max)
COUT
TRI-STATE® Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS
2.7
V (min)
VA
Supply Voltage
5.25
V (max)
VA = +5.25V,
1.66
3.0
mA (max)
fSAMPLE = 200 ksps
Supply Current, Normal Mode
(Operational, CS low)
VA = +3.6V,
0.46
1.3
mA (max)
fSAMPLE = 200 ksps
IA
VA = +5.25V, fSCLK = 0 MHz,
500
nA
fSAMPLE = 0 ksps
Supply Current, Shutdown (CS high)
VA = +5.25V, fSCLK = 10 MHz,
60
µA
fSAMPLE = 0 ksps
VA = +5.25V
8.7
15.8
mW (max)
Power Consumption, Normal Mode
(Operational, CS low)
VA = +3.6V
1.7
4.7
mW (max)
VA = +5.25V, fSCLK = 0 MHz,
PD
2.6
µW
fSAMPLE = 0 ksps
Power Consumption, Shutdown (CS
high)
VA = +5.25V, fSCLK = 10 MHz,
315
µW
fSAMPLE = 0 ksps
AC ELECTRICAL CHARACTERISTICS
4
MHz (min)
fSCLK
Clock Frequency
See (3)
10
MHz (max)
200
ksps (min)
fS
Sample Rate
See (3)
500
ksps (max)
40
% (min)
DC
SCLK Duty Cycle
fSCLK = 10 MHz
50
60
% (max)
tACQ
Minimum Time Required for Acquisition
350
ns (max)
tQUIET
See (4)
50
ns (min)
tAD
Aperture Delay
3
ns
tAJ
Aperture Jitter
30
ps
(3)
This is the frequency range over which the electrical performance is ensured. The device is functional over a wider range which is
specified under Operating Ratings.
(4)
Minimum Quiet Time required by bus relinquish and the start of the next conversion.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC121S051


Similar Part No. - ADC121S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S051 NSC-ADC121S051 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC121S051 NSC-ADC121S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500ksps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S051 TI-ADC121S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC121S051 TI1-ADC121S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S051 TI1-ADC121S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC121S051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC121S051 TI1-ADC121S051_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC121S051 Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051CIMF TI1-ADC101S051CIMF Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com