Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC121S101 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC121S101
Description  Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101 Datasheet(HTML) 3 Page - Texas Instruments

  ADC121S101 Datasheet HTML 1Page - Texas Instruments ADC121S101 Datasheet HTML 2Page - Texas Instruments ADC121S101 Datasheet HTML 3Page - Texas Instruments ADC121S101 Datasheet HTML 4Page - Texas Instruments ADC121S101 Datasheet HTML 5Page - Texas Instruments ADC121S101 Datasheet HTML 6Page - Texas Instruments ADC121S101 Datasheet HTML 7Page - Texas Instruments ADC121S101 Datasheet HTML 8Page - Texas Instruments ADC121S101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
V
A
6
CS
2
GND
5
SDATA
3
V
IN
4
SCLK
1
V
A
6
CS
2
GND
5
SDATA
3
V
IN
4
SCLK
3
ADC121S101, ADC121S101-Q1
www.ti.com
SNAS304H – JANUARY 2006 – REVISED APRIL 2016
Product Folder Links: ADC121S101 ADC121S101-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
All devices are fully pin and function compatible.
5 Device Comparison Table
(1)
RESOLUTION
SPECIFIED SAMPLE RATE RANGE
50 TO 200 KSPS
200 TO 500 KSPS
500 KSPS TO 1 MSPS
12 Bits
ADC121S021
ADC121S051
ADC121S101
10 Bits
ADC101S021
ADC101S051
ADC101S101
8 Bits
ADC081S021
ADC081S051
ADC081S101
6 Pin Configuration and Functions
NGF Package
6-Pin WSON
Top View
DBV Package
6-Pin SOT-23
Top View
(1)
G = Ground, I = Input, O = Output, P = Power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
VA
P
Positive supply pin. This pin must be connected to a quiet 2.7-V to 5.25-V source and bypassed to
GND with a 1-µF capacitor and a 0.1-µF monolithic capacitor located within 1 cm of the power pin.
2
GND
G
The ground return for the supply and signals.
3
VIN
I
Analog input. This signal can range from 0 V to VA.
4
SCLK
I
Digital clock input. This clock directly controls the conversion and readout processes.
5
SDATA
O
Digital data output. The output samples are clocked out of this pin on falling edges of the SCLK pin.
6
CS
I
Chip select. On the falling edge of CS, a conversion process begins.
PAD
GND
G
For package suffix CISD(X) only. TI recommends connecting the center pad to ground.


Similar Part No. - ADC121S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADC121S101 NSC-ADC121S101 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC121S101 NSC-ADC121S101 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC121S101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com