Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC3244IRGZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3244IRGZT
Description  Analog-to-Digital Converters
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3244IRGZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3244IRGZT Datasheet HTML 2Page - Texas Instruments ADC3244IRGZT Datasheet HTML 3Page - Texas Instruments ADC3244IRGZT Datasheet HTML 4Page - Texas Instruments ADC3244IRGZT Datasheet HTML 5Page - Texas Instruments ADC3244IRGZT Datasheet HTML 6Page - Texas Instruments ADC3244IRGZT Datasheet HTML 7Page - Texas Instruments ADC3244IRGZT Datasheet HTML 8Page - Texas Instruments ADC3244IRGZT Datasheet HTML 9Page - Texas Instruments ADC3244IRGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
6
ADC3241, ADC3242, ADC3243, ADC3244
SBAS671C – JULY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Analog supply voltage range, AVDD
–0.3
2.1
V
Digital supply voltage range, DVDD
–0.3
2.1
V
Voltage applied to input pins
INAP, INBP, INAM, INBM
–0.3
min (1.9, AVDD + 0.3)
V
CLKP, CLKM
–0.3
AVDD + 0.3
SYSREFP, SYSREFM
–0.3
AVDD + 0.3
SCLK, SEN, SDATA, RESET, PDN
–0.3
3.9
Temperature
Operating free-air, TA
–40
85
ºC
Operating junction, TJ
125
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
After power-up, to reset the device for the first time, only use the RESET pin; see the Register Initialization section.
(2)
With the clock divider enabled by default for divide-by-1. Maximum sampling clock frequency for the divide-by-4 option is 500 MSPS.
7.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage range
1.7
1.8
1.9
V
DVDD
Digital supply voltage range
1.7
1.8
1.9
V
ANALOG INPUT
VID
Differential input voltage
For input frequencies < 450 MHz
2
VPP
For input frequencies < 600 MHz
1
VIC
Input common-mode voltage
VCM ± 0.025
V
CLOCK INPUT
Input clock frequency
Sampling clock frequency
10
125(2)
MSPS
Input clock amplitude (differential)
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
LVDS, ac-coupled
0.7
Input clock duty cycle
35%
50%
65%
Input clock common-mode voltage
0.95
V
DIGITAL OUTPUTS
CLOAD
Maximum external load capacitance
from each output pin to GND
3.3
pF
RLOAD
Differential load resistance placed
externally
100
Ω


Similar Part No. - ADC3244IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADC3244EIRGZT TI1-ADC3244EIRGZT Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results

Similar Description - ADC3244IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com