Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC122S101
Description  2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC122S101 Datasheet HTML 7Page - Texas Instruments ADC122S101 Datasheet HTML 8Page - Texas Instruments ADC122S101 Datasheet HTML 9Page - Texas Instruments ADC122S101 Datasheet HTML 10Page - Texas Instruments ADC122S101 Datasheet HTML 11Page - Texas Instruments ADC122S101 Datasheet HTML 12Page - Texas Instruments ADC122S101 Datasheet HTML 13Page - Texas Instruments ADC122S101 Datasheet HTML 14Page - Texas Instruments ADC122S101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADC122S101
www.ti.com
SNAS286D – MARCH 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 500 ksps to 1 Msps, fSCLK = 8 MHz to 16 MHz, fIN = 40.3 kHz unless otherwise stated.
SNR vs. Supply
THD vs. Supply
Figure 19.
Figure 20.
SNR vs. Clock Frequency
THD vs. Clock Frequency
Figure 21.
Figure 22.
SNR vs. Clock Duty Cycle
THD vs. Clock Duty Cycle
Figure 23.
Figure 24.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC122S101


Similar Part No. - ADC122S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S101 NSC-ADC122S101 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI-ADC122S101 Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC122S101 TI1-ADC122S101 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC122S101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC124S101 TI1-ADC124S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com