Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5121 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5121
Description  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5121 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5121 Datasheet HTML 5Page - Texas Instruments ADS5121 Datasheet HTML 6Page - Texas Instruments ADS5121 Datasheet HTML 7Page - Texas Instruments ADS5121 Datasheet HTML 8Page - Texas Instruments ADS5121 Datasheet HTML 9Page - Texas Instruments ADS5121 Datasheet HTML 10Page - Texas Instruments ADS5121 Datasheet HTML 11Page - Texas Instruments ADS5121 Datasheet HTML 12Page - Texas Instruments ADS5121 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADS5121
9
SBAS281D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = 25°C, AVDD = DVDD = 1.8V, DRVDD = 3.3V, fIN = –0.5dBFS, Internal Reference, Clock = 40MSPS, and Differential Input Range = 1VPP, unless otherwise noted.
DYNAMIC PERFORMANCE vs DUTY CYCLE
Clock Duty Cycle (%)
25
30
35
45
40
50
55
60
65
70
75
80
78
76
74
72
70
68
66
64
62
60
58
56
54
f
IN = 3.5MHz
SNR
SFDR
SINAD
IAV
DD vs CLOCK FREQUENCY
Clock Frequency (MSPS)
510
20
15
25
30
35
40
45
157.6
157.4
157.2
157.0
156.8
156.6
156.4
156.2
156.0
IDV
DD vs CLOCK FREQUENCY
Clock Frequency (MSPS)
510
20
15
25
30
35
40
45
60
50
40
30
20
10
0
IDRV
DD vs CLOCK FREQUENCY
Clock Frequency (MSPS)
510
20
15
25
30
35
40
45
60
50
40
30
20
10
0
IDRV
DD = 3.3V
IDRV
DD = 1.8V
TOP REFERENCE vs TEMPERATURE
Temperature (
°C)
–40
–20
20
040
60
80
100
1.348
1.347
1.347
1.346
1.346
1.345
1.345
1.344
1.344
BOTTOM REFERENCE vs TEMPERATURE
Temperature (
°C)
–40
–20
20
040
60
80
100
0.824
0.824
0.823
0.823
0.822
0.822
0.821
0.821
0.820
0.820


Similar Part No. - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121 TI1-ADS5121 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121IGHK TI-ADS5121IGHK Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com