Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5203IPFB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5203IPFB
Description  Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5203IPFB Datasheet(HTML) 1 Page - Texas Instruments

  ADS5203IPFB Datasheet HTML 1Page - Texas Instruments ADS5203IPFB Datasheet HTML 2Page - Texas Instruments ADS5203IPFB Datasheet HTML 3Page - Texas Instruments ADS5203IPFB Datasheet HTML 4Page - Texas Instruments ADS5203IPFB Datasheet HTML 5Page - Texas Instruments ADS5203IPFB Datasheet HTML 6Page - Texas Instruments ADS5203IPFB Datasheet HTML 7Page - Texas Instruments ADS5203IPFB Datasheet HTML 8Page - Texas Instruments ADS5203IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ADS5203
SBAS258A – JUNE 2002 – REVISED JULY 2002
Dual 10Bit 40MSPS LowPower
ANALOGTODIGITAL CONVERTER
PRODUCTION DATA information is current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
FEATURES
D 3.3V Single-Supply Operation
D Dual Simultaneous Sample-and-Hold Inputs
D Differential or Single-Ended Analog Inputs
D Single or Dual Parallel Bus Output
D 60dB SNR at fIN = 10.5MHz
D 73dB SFDR at fIN = 10.5MHz
D Low Power: 240mW
D 300MHz Analog Input Bandwidth
D 3.3V TTL/CMOS-Compatible Digital I/O
D Internal or External Reference
D Adjustable Reference Input Range
D Power-Down (Standby) Mode
D TQFP-48 Package
APPLICATIONS
D Digital Communications (Baseband Sampling)
D Video Processing
D Portable Instrumentation
D Ultrasound
DESCRIPTION
The ADS5203 is a dual 10-bit, 40MSPS Analog-to-Digi-
tal Converter (ADC). It simultaneously converts each
analog input signal into a 10-bit, binary coded digital
word up to a maximum sampling rate of 40MSPS per
channel. All digital inputs and outputs are 3.3V
TTL/CMOS compatible.
An innovative dual-pipeline architecture implemented in
a CMOS process and the 3.3V supply results in very low
power dissipation. In order to provide maximum flexibil-
ity, both top and bottom voltage references can be set
from user-supplied voltages. Alternatively, if no external
references are available, the on-chip internal refer-
ences can be used. Both ADCs share a common refer-
ence to improve offset and gain matching. If external
reference voltage levels are available, the internal refer-
ences can be powered down independently from the
rest of the chip, resulting in even greater power savings.
The ADS5203 is characterized for operation from
–40
°C to +85°C and is available in a TQFP-48 package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated
Not Recommended For New Designs


Similar Part No. - ADS5203IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5203IPFB TI-ADS5203IPFB Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBR TI-ADS5203IPFBR Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5203IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5204 TI-ADS5204 Datasheet
492Kb / 18P
[Old version datasheet]   DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8762A PHILIPS-TDA8762A Datasheet
150Kb / 24P
   10-bit high-speed low-power analog-to-digital converter
1996 Mar 21
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com