Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5273 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5273
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5273 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5273_14 Datasheet HTML 6Page - Texas Instruments ADS5273_14 Datasheet HTML 7Page - Texas Instruments ADS5273_14 Datasheet HTML 8Page - Texas Instruments ADS5273_14 Datasheet HTML 9Page - Texas Instruments ADS5273_14 Datasheet HTML 10Page - Texas Instruments ADS5273_14 Datasheet HTML 11Page - Texas Instruments ADS5273_14 Datasheet HTML 12Page - Texas Instruments ADS5273_14 Datasheet HTML 13Page - Texas Instruments ADS5273_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TEST PATTERNS
ADS5273
SBAS305D – JANUARY 2004 – REVISED JANUARY 2009 .............................................................................................................................................. www.ti.com
SERIAL INTERFACE REGISTERS
ADDRESS
DATA
DESCRIPTION
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
LVDS BUFFERS (Register 0)
All Data Outputs
0
0
Normal ADC Output
(default after reset)
0
1
Deskew Pattern
1
0
Sync Pattern
See Test Patterns
1
1
Custom Pattern
0
0
Output Current in LVDS = 3.5mA
(default after reset)
0
1
Output Current in LVDS = 2.5mA
1
0
Output Current in LVDS = 4.5mA
1
1
Output Current in LVDS = 6.0mA
0
0
0
1
CLOCK CURRENT (Register 1)
0
X
X
0
LVDS Clock Output Current
IOUT = 3.5mA (default)
0
X
X
1
2x LVDS Clock Output Current(1)
IOUT = 7.0mA
LSB/MSB MODE (Register 1)
0
0
X
X
LSB Mode
(default after reset)
0
1
X
X
MSB Mode
0
0
1
0
POWER-DOWN ADC CHANNELS
(Register 2)
X
X
X
X
Example: 1010 Powers Down
Power-Down Channels 1 to 4; D3 is
Channels 4 and 2 and
for Channel 4 and D0 for Channel 1
Keeps Channels 1 and 3 Active
0
0
1
1
POWER-DOWN ADC CHANNELS
(Register 3)
X
X
X
X
Power-Down Channels 5 to 8; D3 is
for Channel 8 and D0 for Channel 5
CUSTOM PATTERN (Registers 4–6)
D3
D2
D1
D0
Bits for Custom Pattern
See Test Patterns
0
1
0
0
X
X
X
X
0
1
0
1
X
X
X
X
0
1
1
0
X
X
X
X
(1)
Output current drive for the two clock LVDS buffers (LCLKP and LCLKN and ADCLKP and ADCLKN) is twice the output current setting
programmed in register 0. The current drive of the data buffers remains the same as the setting in register 0.
Serial Output(1)
LSB
MSB
ADC Output(2)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
Deskew Pattern
1
0
1
0
1
0
1
0
1
0
1
0
Sync Pattern
0
0
0
0
0
0
1
1
1
1
1
1
Custom Pattern(3)
D0(4)
D1(4)
D2(4)
D3(4)
D0(5)
D1(5)
D2(5)
D3(5)
D0(6)
D1(6)
D2(6)
D3(6)
(1)
The serial output stream comes out LSB first by default.
(2)
D11...D0 represent the 12 output bits from the ADC.
(3)
D0(4) represents the content of the bit D0 of register 4, D3(6) represents the content of bit D3 of register 6, etc.
10
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5273


Similar Part No. - ADS5273_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5273IPFP BURR-BROWN-ADS5273IPFP Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
ADS5273IPFPT BURR-BROWN-ADS5273IPFPT Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
More results

Similar Description - ADS5273_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
[Old version datasheet]   12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Texas Instruments
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com