Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1175-50 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC1175-50
Description  8-Bit, 50 MSPS, 125 mW A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC1175-50 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC1175-50 Datasheet HTML 3Page - Texas Instruments ADC1175-50 Datasheet HTML 4Page - Texas Instruments ADC1175-50 Datasheet HTML 5Page - Texas Instruments ADC1175-50 Datasheet HTML 6Page - Texas Instruments ADC1175-50 Datasheet HTML 7Page - Texas Instruments ADC1175-50 Datasheet HTML 8Page - Texas Instruments ADC1175-50 Datasheet HTML 9Page - Texas Instruments ADC1175-50 Datasheet HTML 10Page - Texas Instruments ADC1175-50 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ADC1175-50
www.ti.com
SNAS027G – JANUARY 2000 – REVISED APRIL 2013
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for AVDD = DVDD = +5.0 VDC, PD = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF, fCLK = 50 MHz
at 50% duty cycle. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C
(1)(2).
Units
Symbol
Parameter
Conditions
Typical(3)
Limits(3)
(Limits)
VRT Connected to VRTS,
1.89
(V (min)
2
VRB Connected to VRBS
2.20
V (max)
VRTS – VRBS Self Bias Voltage Delta
VRT Connected to VRTS,
2.3
V
VRB Connected to AVSS
1.0
V (min)
VRT – VRB
Reference Voltage Differential
2
2.8
V (max)
CONVERTER DYNAMIC CHARACTERISTICS
fIN = 4.4 MHz, fCLK = 40 MHz
7.2
6.7
Bits (min)
fIN = 19.9 MHz, fCLK = 40 MHz
7.0
6.4
Bits (min)
ENOB
Effective Number of Bits
fIN = 1.3 MHz, fCLK = 50 MHz
7.3
Bits
fIN = 4.4 MHz, fCLK = 50 MHz
7.2
Bits
fIN = 24.9 MHz, fCLK = 50 MHz
6.8
6.1
Bits (min)
fIN = 4.4 MHz, fCLK = 40 MHz
45
42
dB (min)
fIN = 19.9 MHz, fCLK = 40 MHz
44
40
dB (min)
SINAD
Signal-to-Noise & Distortion
fIN = 1.3 MHz, fCLK = 50 MHz
46
dB
fIN = 4.4 MHz, fCLK = 50 MHz
45
dB
fIN = 24.9 MHz, fCLK = 50 MHz
43
38.4
dB (min)
fIN = 4.4 MHz, fCLK = 40 MHz
46
42.5
dB (min)
fIN = 19.9 MHz, fCLK = 40 MHz
44
41
dB (min)
SNR
Signal-to-Noise Ratio
fIN = 1.3 MHz, fCLK = 50 MHz
48
dB
fIN = 4.4 MHz, fCLK = 50 MHz
45
dB
fIN = 24.9 MHz, fCLK = 50 MHz
44
40
dB (min)
fIN = 1.3 MHz
57
dB
SFDR
Spurious Free Dynamic Range
fIN = 4.4 MHz
56
dB
fIN = 24.9 MHz
51
dB
fIN = 1.3 MHz
−55
dB
THD
Total Harmonic Distortion
fIN = 4.4 MHz
−54
dB
fIN = 24.9 MHz
−51
dB
POWER SUPPLY CHARACTERISTICS
IADD
Analog Supply Current
DVDD = AVDD = 5.25V
13
mA
IDDD
Digital Supply Current
DVDD = AVDD = 5.25V
11
mA
DVDD = AVDD = 5.25V, fCLK = 50 MHz
25
36
mA (max)
IADD + IDDD Total Operating Current
DVDD = AVDD = 5.25V, CLK Inactive (low)
14
mA
Power Consumption
PD pin low
125
190
mW (max)
Power Consumption
PD pin high
<5 mW
mW
CLK, PD DIGITAL INPUT CHARACTERISTICS
VIH
Logical High Input Voltage
2.0
V (min)
VIL
Logical Low Input Voltage
0.8
V (max)
IIH
Logical High Input Current
VIH = DVDD = AVDD = +5.25V
±5
µA (max)
IIL
Logical Low Input Current
VIL = 0V, DVDD = AVDD = +5.25V
±5
µA (max)
CIN
Digital Input Capacitance
4
pF
DIGITAL OUTPUT CHARACTERISTICS
IOH
Output Current, Logic HIGH
DVDD = 4.75V, VOH = 4.0V
−1.1
mA (min)
IOL
Output Current, Logic LOW
DVDD = 4.75V, VOL = 0.4V
1.8
mA (min)
DVDD = 5.25V, PD = DVDD,
IOZH, IOZL
TRI-STATE Output Current
±20
µA
VOL = DVDD, or VOL = 0V
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC1175-50


Similar Part No. - ADC1175-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50 TI-ADC1175-50 Datasheet
1Mb / 26P
[Old version datasheet]   ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
logo
National Semiconductor ...
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
More results

Similar Description - ADC1175-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50_07 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50CIMTX TI-ADC1175-50CIMTX Datasheet
1Mb / 26P
[Old version datasheet]   ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
logo
Intersil Corporation
HI1396 INTERSIL-HI1396 Datasheet
86Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1396 INTERSIL-HI1396_00 Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com