Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5411IPJYG3 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5411IPJYG3
Description  11 Bit, 105 MSPS Analog-to-Digital Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5411IPJYG3 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5411IPJYG3 Datasheet HTML 1Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 2Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 3Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 4Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 5Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 6Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 7Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 8Page - Texas Instruments ADS5411IPJYG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADS5411
SLAS487A − SEPTEMBER 2005 − REVISED JANUANRY 2010
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Over full temperature range (TMIN = −40°C to TMAX = 85°C), sampling rate = 105 MSPS, 50% clock duty cycle, AVDD = 5 V, DRVDD = 3.3 V,
−1 dBFS differential input, and 3 VPP differential sinusoidal clock, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
11
Bits
Analog Inputs
Differential input range
2.2
VPP
Differential input resistance
See Figure 2
1
k
Differential input capacitance
See Figure 2
1.5
pF
Analog input bandwidth
570
MHz
Internal Reference Voltages
Reference voltage, VREF
2.4
V
Dynamic Accuracy
No missing codes
Tested
Differential linearity error, DNL
fIN = 10 MHz
−0.5
±0.25
0.5
LSB
Integral linearity error, INL
fIN = 10 MHz
−0.5
±0.2
0.5
LSB
Offset error
−5
0
5
mV
Offset temperature coefficient
1.7
ppm/
°C
Gain error
−5
0.9
5
%FS
PSRR
1
mV/V
Gain temperature coefficient
77
ppm/
°C
Power Supply
Analog supply current, IAVDD
VIN = full scale, fIN = 70 MHz
355
410
mA
Output buffer supply current, IDRVDD
VIN = full scale, fIN = 70 MHz
35
47
mA
Power dissipation
Total power with 10-pF load on each digital output
to ground, fIN = 70 MHz
1.9
2.2
W
Power-up time
20
100
ms
Dynamic AC Characteristics
fIN = 10 MHz
66.5
fIN = 30 MHz
65.3
66.5
fIN = 50 MHz
66.4
Signal-to-noise ratio, SNR
fIN = 70 MHz
65.3
66.3
dBc
Signal-to-noise ratio, SNR
fIN = 100 MHz
65.9
dBc
fIN = 170 MHz
65.7
fIN = 230 MHz
65.4
fIN = 10 MHz
91
fIN = 30 MHz
85
91
fIN = 50 MHz
90
Spurious-free dynamic range, SFDR
fIN = 70 MHz
90
dBc
fIN = 100 MHz
89
fIN = 170 MHz
81
fIN = 230 MHz
71


Similar Part No. - ADS5411IPJYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJYR TI-ADS5411IPJYR Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5411IPJYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com