Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5424-SP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5424-SP
Description  CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5424-SP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5424-SP Datasheet HTML 1Page - Texas Instruments ADS5424-SP Datasheet HTML 2Page - Texas Instruments ADS5424-SP Datasheet HTML 3Page - Texas Instruments ADS5424-SP Datasheet HTML 4Page - Texas Instruments ADS5424-SP Datasheet HTML 5Page - Texas Instruments ADS5424-SP Datasheet HTML 6Page - Texas Instruments ADS5424-SP Datasheet HTML 7Page - Texas Instruments ADS5424-SP Datasheet HTML 8Page - Texas Instruments ADS5424-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
ADS5424-SP
www.ti.com
SLWS194D – MAY 2008 – REVISED SEPTEMBER 2013
Product Folder Links: ADS5424-SP
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
4.2
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
4.75
5
5.25
V
DRVDD
Output driver supply voltage
3
3.3
3.6
V
ANALOG INPUT
Differential input range
2.2
VPP
VCM
Input common mode voltage
2.4
V
DIGITAL OUTPUT
Maximum output load
10
pF
CLOCK INPUT
ADCLK input sample rate (sine wave)
30
105
MSPS
Clock amplitude, differential sine wave
3
VPP
Clock duty cycle
50%
TC
Open case temperature range
–55
125
°C
4.3
ELECTRICAL CHARACTERISTICS (Unchanged after 100 kRad)
Typical values at TC = 25°C, Over full temperature range is TC,MIN = –55°C to TC,MAX = 125°C, sampling rate = 105 MSPS,
50% clock duty cycle, AVDD = 5 V, DRVDD = 3.3 V, –1 dBFS differential input, and 3-VPP sinusoidal clock (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bits
ANALOG INPUTS
Differential input range
2.2
Vpp
Differential input resistance
See Figure 11
1
k
Differential input capacitance
See Figure 11
1.5
pF
Analog input bandwidth
570
MHz
INTERNAL REFERENCE VOLTAGES
VREF
Reference voltage
2.38
2.4
2.41
V
DYNAMIC ACCURACY
No missing codes
Tested
DNL
Differential linearity error
fIN = 10 MHz
–0.98
±0.5
1.5
LSB
INL
Integral linearity error
fIN = 10 MHz
TC= 25°C and
TC,MAX
–5.0
±3.0
+5.0
LSB
fIN = 10 MHz
TC= TC,MIN
–-6.9
+6.9
LSB
Offset error
–1.5
0
1.5
%FS
Offset temperature coefficient
0.0007
%FS/°C
Gain error
–5
0.9
5
%FS
Gain temperature coefficient
0.006
%FS/°C
POWER SUPPLY
IAVDD
Analog supply current
VIN = full scale, fIN = 70
MHz
FS = 105 MSPS
355
410
mA
IDRVDD
Output buffer supply current
VIN = full scale, fIN = 70
MHz
FS = 105 MSPS
47
55
mA
Power dissipation
Total power with 10-pF
load on each digital output
to ground, fIN = 70 MHz
FS = 105 MSPS
1.9
2.3
W
Power-up time
FS = 105 MSPS
20
ms


Similar Part No. - ADS5424-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5424-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9254R703F AD-AD9254R703F Datasheet
2Mb / 26P
   14-Bit, 105 MSPS, 1.8V Analog-Tp-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com