Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5423IPJYRG3 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5423IPJYRG3
Description  14 Bit, 80 MSPS Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5423IPJYRG3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5423IPJYRG3 Datasheet HTML 6Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 7Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 8Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 9Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 10Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 11Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 12Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 13Page - Texas Instruments ADS5423IPJYRG3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADS5423
SLWS160A − FEBRUARY 2005 − REVIISED JANUARY 2010
www.ti.com
10
TYPICAL CHARACTERISTICS
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 80 MSPS, 3.3 Vpp sinusoidal
clock, 50% duty cycle, 16k FFT points, unless otherwise noted
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
35
40
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 80 MSPS
fIN 1 = 69.2 MHz, −7 dBFS
fIN 2 = 70.7 MHz, −7 dBFS
IMD3 = −93 dBFS
Figure 8
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
35
40
f − Frequency − MHz
SPECTRAL PERFORMANCE
fS = 80 MSPS
fIN 1 = 169.6 MHz, −7 dBFS
fIN 2 = 170.4 MHz, −7 dBFS
IMD3 = −81 dBFS
Figure 9
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
35
40
f − Frequency − MHz
WCDMA CARRIER
fS = 76.8 MSPS
fIN = 70 MHz
PAR = 5 dB
ACPR Adj Top = 79.2 dB
Figure 10
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
35
40
f − Frequency − MHz
WCDMA CARRIER
fS = 76.8 MSPS
fIN = 170 MHz
PAR = 5 dB
ACPR Adj Top = 74.8 dB
ACPR Adj Low = 73.9 dB
Figure 11
AIN − Input Amplitude − dBFS
−20
0
20
40
60
80
100
120
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
fS = 80 MSPS
fIN = 70 MHz
AC PERFORMANCE
vs
INPUT AMPLITUDE
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 12
AIN − Input Amplitude − dBFS
−20
0
20
40
60
80
100
120
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
fS = 80 MSPS
fIN = 170 MHz
AC PERFORMANCE
vs
INPUT AMPLITUDE
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 13


Similar Part No. - ADS5423IPJYRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5423IPJYRG4 TI-ADS5423IPJYRG4 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5423IPJYRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com