Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12048CIVF Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC12048CIVF
Description  12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12048CIVF Datasheet(HTML) 2 Page - Texas Instruments

  ADC12048CIVF Datasheet HTML 1Page - Texas Instruments ADC12048CIVF Datasheet HTML 2Page - Texas Instruments ADC12048CIVF Datasheet HTML 3Page - Texas Instruments ADC12048CIVF Datasheet HTML 4Page - Texas Instruments ADC12048CIVF Datasheet HTML 5Page - Texas Instruments ADC12048CIVF Datasheet HTML 6Page - Texas Instruments ADC12048CIVF Datasheet HTML 7Page - Texas Instruments ADC12048CIVF Datasheet HTML 8Page - Texas Instruments ADC12048CIVF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADC12048
SNAS105B – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Block Diagram
Connection Diagrams
Figure 1. PLCC Package
Figure 2. LQFP Package
See Package Number FN0044A
See Package Number PGB0044A
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC12048


Similar Part No. - ADC12048CIVF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12048CIVF NSC-ADC12048CIVF Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIVF NSC-ADC12048CIVF Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048CIVF TI1-ADC12048CIVF Datasheet
1Mb / 37P
[Old version datasheet]   ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
More results

Similar Description - ADC12048CIVF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048 TI1-ADC12048_14 Datasheet
1Mb / 37P
[Old version datasheet]   ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Texas Instruments
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com