Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5444-SP Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5444-SP
Description  CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5444-SP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5444-SP_15 Datasheet HTML 6Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 7Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 8Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 9Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 10Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 11Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 12Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 13Page - Texas Instruments ADS5444-SP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
1.00
10.00
100.00
1000.00
80
90
100
110
120
130
140
150
160
170
180
Continuous Tj (°C)
Electromigration Fail Mode
`
ADS5444-SP
SGLS391C – MARCH 2008 – REVISED JANUARY 2014
www.ti.com
Figure 2. ADS5444 Estimated Device Life at Elevated Temperatures Electromigration Fail Mode
DEFINITION OF SPECIFICATIONS
Analog Bandwidth The analog input frequency at which the power of the fundamental is reduced by 3 dB with
respect to the low frequency value.
Aperture Delay The delay in time between the rising edge of the input sampling clock and the actual time at
which the sampling occurs.
Aperture Uncertainty (Jitter) The sample-to-sample variation in aperture delay.
Clock Pulse Width/Duty Cycle The duty cycle of a clock signal is the ratio of the time the clock signal remains
at a logic high (clock pulse width) to the period of the clock signal. Duty cycle is typically expressed as a
percentage. A perfect differential sine wave clock results in a 50% duty cycle.
Maximum Conversion Rate The maximum sampling rate at which certified operation is given. All parametric
testing is performed at this sampling rate unless otherwise noted.
Minimum Conversion Rate The minimum sampling rate at which the ADC functions.
Differential Nonlinearity (DNL) An ideal ADC exhibits code transitions at analog input values spaced exactly 1
LSB apart. The DNL is the deviation of any single step from this ideal value, measured in units of LSB.
Integral Nonlinearity (INL) The INL is the deviation of the ADCs transfer function from a best fit line determined
by a least squares curve fit of that transfer function. The INL at each analog input value is the difference
between the actual transfer function and this best fit line, measured in units of LSB.
Gain Error The gain error is the deviation of the ADCs actual input full-scale range from its ideal value. The gain
error is given as a percentage of the ideal input full-scale range.
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated


Similar Part No. - ADS5444-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5444-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com