Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12081 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12081
Description  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12081 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC12081 Datasheet HTML 5Page - Texas Instruments ADC12081 Datasheet HTML 6Page - Texas Instruments ADC12081 Datasheet HTML 7Page - Texas Instruments ADC12081 Datasheet HTML 8Page - Texas Instruments ADC12081 Datasheet HTML 9Page - Texas Instruments ADC12081 Datasheet HTML 10Page - Texas Instruments ADC12081 Datasheet HTML 11Page - Texas Instruments ADC12081 Datasheet HTML 12Page - Texas Instruments ADC12081 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADC12081
www.ti.com
SNAS020D – MARCH 2000 – REVISED MARCH 2013
Transfer Characteristic
Figure 1. Transfer Characteristic
Figure 2. Errors Minimized by the Auto-Cal Cycle
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC12081


Similar Part No. - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081 NSC-ADC12081 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081CIVT NSC-ADC12081CIVT Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12081CIVT NSC-ADC12081CIVT Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
More results

Similar Description - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12191 NSC-ADC12191 Datasheet
278Kb / 16P
   12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
   12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
   Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12441 NSC-ADC12441 Datasheet
274Kb / 14P
   Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com