Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12138 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC12138
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12138 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12138 Datasheet HTML 1Page - Texas Instruments ADC12138 Datasheet HTML 2Page - Texas Instruments ADC12138 Datasheet HTML 3Page - Texas Instruments ADC12138 Datasheet HTML 4Page - Texas Instruments ADC12138 Datasheet HTML 5Page - Texas Instruments ADC12138 Datasheet HTML 6Page - Texas Instruments ADC12138 Datasheet HTML 7Page - Texas Instruments ADC12138 Datasheet HTML 8Page - Texas Instruments ADC12138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
ADC12130, ADC12132, ADC12138
SNAS098G – MARCH 2000 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin Name
Pin Description
Chip Select input pin. When a logic low is applied to this pin, the rising edge of SCLK shifts the data at the DI input
into the address register and brings DO out of TRI-STATE. With CS low, the falling edge of SCLK shifts the data
resulting from the previous ADC conversion out at the DO output, with the exception of the first bit of data. When
CS is low continuously, the first bit of the data is clocked out on the rising edge of EOC (end of conversion). When
CS is toggled, the falling edge of CS always clocks out the first bit of data. CS should be brought low while SCLK is
low. The falling edge of CS interrupts a conversion in progress and starts the sequence for a new conversion.
CS
When CS is brought low during a conversion, that conversion is prematurely terminated and the data in the output
latches may be corrupted. Therefore, when CS is brought low during a conversion in progress, the data output at
that time should be ignored. CS may also be left continuously low. In this case, it is imperative that the correct
number of SCLK pulses be applied to the ADC in order to remain synchronous. After the ADC supply power is
applied, the device expects to see 13 clock pulses for each I/O sequence. The number of clock pulses the ADC
expects is the same as the digital output word length. This word length can be modified by the data shifted in at the
DO pin. Table 4 details the data required.
Data Output Ready pin. This pin is an active push/pull output which is low when the conversion result is being
DOR
shifted out and goes high to signal that all the data has been shifted out.
Serial Data Clock input. The clock applied to this input controls the rate at which the serial data exchange occurs.
The rising edge loads the information at the DI pin into the multiplexer address and mode select shift register. This
address controls which channel of the analog input multiplexer (MUX) is selected and the mode of operation for the
ADC. With CS low, the falling edge of SCLK shifts the data resulting from the previous ADC conversion out on DO,
SCLK
with the exception of the first bit of data. When CS is low continuously, the first bit of the data is clocked out on the
rising edge of EOC (end of conversion). When CS is toggled, the falling edge of CS always clocks out the first bit of
data. CS should be brought low when SCLK is low. The rise and fall times of the clock edges should not exceed
1
μs.
Conversion Clock input. The clock applied to this input controls the successive approximation conversion time
CCLK
interval and the acquisition time. The rise and fall times of the clock edges should not exceed 1
μs.
Positive analog voltage reference input. In order to maintain accuracy, the voltage range of VREF (VREF = VREF+ −
VREF+
VREF−) is 1.0 VDC to 5.0 VDC and the voltage at VREF+ cannot exceed VA+. See Figure 63 for recommended
bypassing.
The negative analog voltage reference input. In order to maintain accuracy, the voltage at this pin must not go
VREF-
below GND or exceed VREF+. (See Figure 63).
Power Down pin. When PD is high the ADC is powered down; when PD is low the ADC is powered up, or active.
PD
The ADC takes a maximum of 700
μs to power up after the command is given.
These are the analog and digital power supply pins. VA
+ and V
D
+ are not connected together on the chip. These
VA
+
pins should be tied to the same supply voltage and bypassed separately (see Figure 63). The operating voltage
VD
+
range of VA+ and VD+ is 3.0 VDC to 5.5 VDC.
DGND
The digital ground pin (see Figure 63).
AGND
The analog ground pin (see Figure 63).
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC12130 ADC12132 ADC12138


Similar Part No. - ADC12138

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12138 NSC-ADC12138 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12138 TI1-ADC12138 Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12138CIMSA NSC-ADC12138CIMSA Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12138CIMSA NSC-ADC12138CIMSA Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12138CIMSA TI1-ADC12138CIMSA Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12138

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com