Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7809P Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7809P
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809P Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7809P Datasheet HTML 2Page - Texas Instruments ADS7809P Datasheet HTML 3Page - Texas Instruments ADS7809P Datasheet HTML 4Page - Texas Instruments ADS7809P Datasheet HTML 5Page - Texas Instruments ADS7809P Datasheet HTML 6Page - Texas Instruments ADS7809P Datasheet HTML 7Page - Texas Instruments ADS7809P Datasheet HTML 8Page - Texas Instruments ADS7809P Datasheet HTML 9Page - Texas Instruments ADS7809P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADS7809
6
SBAS017C
www.ti.com
TABLE II. Conversion and Data Timing. TA = –40°C to +85°C.
FIGURE 2. Serial Data Timing Using Internal Clock. (CS , EXT/INT and TAG Tied LOW.)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Convert Pulse Width
40
6000
ns
t2
BUSY Delay
65
ns
t3
BUSY LOW
8
µs
t4
BUSY Delay After End of Conversion
220
ns
t5
Aperture Delay
40
ns
t6
Conversion Time
7.6
8
µs
t7
Acquisition Time
2
µs
t6 + t7
Throughput Time
9
10
µs
t8
R/C LOW to DATACLK Delay
450
ns
t9
DATACLK Period
440
ns
t10
Data Valid to DATACLK HIGH Delay
20
75
ns
t11
Data Valid After DATACLK LOW Delay
100
125
ns
t12
External DATACLK
100
ns
t13
External DATACLK HIGH
20
ns
t14
External DATACLK LOW
30
ns
t15
DATACLK HIGH Setup Time
20
t12 + 5
ns
t16
R/C to CS Setup Time
10
ns
t17
SYNC Delay After DATACLK HIGH
15
35
ns
t18
Data Valid Delay
25
55
ns
t19
CS to Rising Edge Delay
25
ns
t20
Data Available after CS LOW
6
µs
1
MSB Valid
R/C
DATACLK
SDATA
t
8
t
11
t
10
t
9
2
3
15
16
Bit 14 Valid
Bit 1 Valid
Bit 13 Valid
LSB Valid
t
2
t
3
BUSY
t
1


Similar Part No. - ADS7809P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7809P BURR-BROWN-ADS7809P Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809P TI1-ADS7809P Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809PB BURR-BROWN-ADS7809PB Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809PB TI1-ADS7809PB Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7809P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com