Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7806UB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7806UB
Description  Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7806UB Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7806UB Datasheet HTML 6Page - Texas Instruments ADS7806UB Datasheet HTML 7Page - Texas Instruments ADS7806UB Datasheet HTML 8Page - Texas Instruments ADS7806UB Datasheet HTML 9Page - Texas Instruments ADS7806UB Datasheet HTML 10Page - Texas Instruments ADS7806UB Datasheet HTML 11Page - Texas Instruments ADS7806UB Datasheet HTML 12Page - Texas Instruments ADS7806UB Datasheet HTML 13Page - Texas Instruments ADS7806UB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADS7806
10
SBAS021B
www.ti.com
FIGURE 4. Serial Data Timing Using Internal Data Clock (TAG tied LOW).
TABLE V. Conversion and Data Timing. TA = –40°C to +85°C.
INTERNAL DATA CLOCK
(During A Conversion)
To use the internal data clock, tie EXT/INT (pin 8) LOW. The
combination of R/C (pin 22) and CS (pin 23) LOW will initiate
conversion ‘n’ and activate the internal data clock (typically a
900kHz clock rate). The ADS7806 will output 12 bits of valid
data, MSB first, from conversion ‘n – 1’ on SDATA (pin 19),
synchronized to 12 clock pulses output on DATACLK (pin
18). The data will be valid on both the rising and falling edges
of the internal data clock. The rising edge of BUSY (pin 24)
can be used to latch the data. After the 12th clock pulse,
DATACLK will remain LOW until the next conversion is
initiated, while SDATA will go to whatever logic level was
input on TAG (pin 20) during the first clock pulse. Refer to
Table VI and Figure 4.
EXTERNAL DATA CLOCK
To use an external data clock, tie EXT/INT (pin 8) HIGH. The
external data clock is not a conversion clock; it can only be
used as a data clock. To enable the output mode of the
ADS7806, CS (pin 23) must be LOW and R/C (pin 22) must
be HIGH. DATACLK must be HIGH for 20% to 70% of the
total data clock period; the clock rate can be between DC and
10MHz. Serial data from conversion ‘n’ can be output on
SDATA (pin 19) after conversion ‘n’ is completed or during
conversion ‘n + 1’.
An obvious way to simplify control of the converter is to tie
CS LOW and use R/C to initiate conversions. While this is
perfectly acceptable, there is a possible problem when using
an external data clock. At an indeterminate point from 12
µs
after the start of conversion ‘n’ until BUSY rises, the internal
logic will shift the results of conversion ‘n’ into the output
register. If CS is LOW, R/C is HIGH, and the external clock
is HIGH at this point, data will be lost. So, with CS LOW,
either R/C and/or DATACLK must be LOW during this period
to avoid losing valid data.
SYMBOL
DESCRIPTION
MIN
TYP MAX UNITS
t1
Convert Pulse Width
0.04
12
µs
t2
Data Valid Delay after R/C LOW
14.7
20
µs
t3
BUSY Delay from
85
ns
Start of Conversion
t4
BUSY LOW
14.7
20
µs
t5
BUSY Delay after
90
ns
End of Conversion
t6
Aperture Delay
40
ns
t7
Conversion Time
14.7
20
µs
t8
Acquisition Time
5
µs
t9
Bus Relinquish Time
10
83
ns
t10
BUSY Delay after Data Valid
20
60
ns
t11
Previous Data Valid
12
14.7
µs
after Start of Conversion
t12
Bus Access Time and BUSY Delay83
ns
t13
Start of Conversion
1.4
µs
to DATACLK Delay
t14
DATACLK Period
1.1
µs
t15
Data Valid to DATACLK
20
75
ns
HIGH Delay
t16
Data Valid after DATACLK
400
600
ns
LOW Delay
t17
External DATACLK Period
100
ns
t18
External DATACLK LOW
40
ns
t19
External DATACLK HIGH
50
ns
t20
CS and R/C to External
25
ns
DATACLK Setup Time
t21
R/C to CS Setup Time
10
ns
t22
Valid Data after DATACLK HIGH
25
ns
t7 + t8
Throughput Time
25
µs
SERIAL OUTPUT
Data can be clocked out with the internal data clock or an
external data clock. When using serial output, be careful with
the parallel outputs, D7-D0 (pins 9-13 and 15-17), as these
pins will come out of Hi-Z state whenever CS (pin 23) is LOW
and R/C (pin 22) is HIGH. The serial output can not be tri-
stated and is always active.
1
MSB Valid
CS or R/C(1)
DATACLK
SDATA
BUSY
t
7 + t8
t
16
t
15
t
14
t
13
2
3
11
12
Bit 10 Valid
Bit 1 Valid
Bit 9 Valid
LSB Valid
1
MSB Valid
2
Bit 10 Valid
(Results from previous conversion.)
NOTE: (1) If controlling with CS , tie R/C LOW. Data bus pins will remain Hi-Z at all times.
If controlling with R/C, tie CS LOW. Data bus pins will be active when R/C is HIGH, and should be left unconnected.


Similar Part No. - ADS7806UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7806UB BURR-BROWN-ADS7806UB Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7806UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com