Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7809U Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7809U
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809U Datasheet(HTML) 4 Page - Texas Instruments

  ADS7809U Datasheet HTML 1Page - Texas Instruments ADS7809U Datasheet HTML 2Page - Texas Instruments ADS7809U Datasheet HTML 3Page - Texas Instruments ADS7809U Datasheet HTML 4Page - Texas Instruments ADS7809U Datasheet HTML 5Page - Texas Instruments ADS7809U Datasheet HTML 6Page - Texas Instruments ADS7809U Datasheet HTML 7Page - Texas Instruments ADS7809U Datasheet HTML 8Page - Texas Instruments ADS7809U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADS7809
4
SBAS017C
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors as shown in Figure 4, unless otherwise specified.
ADS7809U
ADS7809UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL OUTPUTS
Data Format
Serial 16 bits
Data Co
Binary Two’s Complement or Straight Binary
Pipeline Delay
Conversion results only available after completed conversion.
Data Clock
Selectable for internal or external data clock
Internal
EXT/INT LOW
2.3
MHz
(Output Only When
Transmitting Data)
External
EXT/INT HIGH
0.1
10
✻✻
MHz
(Can Run Continually)
VOL
ISINK = 1.6mA
+0.4
V
VOH
ISOURCE = 500µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
pF
POWER SUPPLIES
Specified Performance
VDIG
Must be
≤ V
ANA
+4.75
+5
+5.25
✻✻✻
V
VANA
+4.75
+5
+5.25
✻✻✻
V
IDIG
0.3
mA
IANA
16
mA
Power Dissipation: PWRD LOW
VANA = VDIG = 5V, fS = 100kHz
100
mW
PWRD HIGH
50
µW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
Derated Performance
–55
+125
✻✻
°C
Storage
–65
+150
✻✻
°C
Thermal Resistance (
θ
JA)
SO
75
°C/W
✻ Same as specification for ADS7809U.
NOTES: (1) LSB means Least Significant Bit. For the
±10V input range, one LSB is 305µV.
(2) Typical rms noise at worst case transitions and temperatures.
(3) As measured with fixed resistors shown in Figure 4. Adjustable to zero with external potentiometer.
(4) For bipolar input ranges, full-scale error is the worst case of –Full Scale or +Full Scale untrimmed deviation from ideal first and last code transitions,
divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar input ranges, full-scale error
is the deviation of the last code transition divided by the transition voltage. It also includes the effect of offset error.
(5) All specifications in dB are referred to a full-scale
±10V input.
(6) Full-Power Bandwidth defined as Full-Scale input frequency at which Signal-to-(Noise + Distortion) degrades to 60dB.
(7) Recovers to specified performance after 2 • FS input overvoltage.
(8) The minimum VIH level for the DATACLK signal is 3V.


Similar Part No. - ADS7809U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7809U BURR-BROWN-ADS7809U Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U TI1-ADS7809U Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809U-1KE4 TI1-ADS7809U-1KE4 Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809UB BURR-BROWN-ADS7809UB Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7809U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com