Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7806UE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS7806UE4
Description  Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7806UE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7806UE4 Datasheet HTML 5Page - Texas Instruments ADS7806UE4 Datasheet HTML 6Page - Texas Instruments ADS7806UE4 Datasheet HTML 7Page - Texas Instruments ADS7806UE4 Datasheet HTML 8Page - Texas Instruments ADS7806UE4 Datasheet HTML 9Page - Texas Instruments ADS7806UE4 Datasheet HTML 10Page - Texas Instruments ADS7806UE4 Datasheet HTML 11Page - Texas Instruments ADS7806UE4 Datasheet HTML 12Page - Texas Instruments ADS7806UE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADS7806
9
SBAS021B
www.ti.com
PARALLEL OUTPUT (AFTER A CONVERSION)
After conversion ‘n’ is completed and the output registers
have been updated, BUSY (pin 24) will go HIGH. Valid data
from conversion ‘n’ will be available on D7-D0 (pins 9-13 and
15-17). BUSY going high can be used to latch the data. Refer
to Table V and Figures 2 and 3 for timing constraints.
PARALLEL OUTPUT (DURING A CONVERSION)
After conversion ‘n’ has been initiated, valid data from conver-
sion ‘n – 1’ can be read and will be valid up to 12
µs after the
start of conversion ‘n’. Do not attempt to read data beyond
12
µs after the start of conversion ‘n’ until BUSY (pin 24) goes
HIGH; this may result in reading invalid data. Refer to Table V
and Figures 2 and 3 for timing constraints.
prior to reading the same data on the serial port, but data
cannot be read through the serial port prior to reading the
same data on the parallel port.
PARALLEL OUTPUT
To use the parallel output, tie EXT/INT (pin 8) HIGH and
DATACLK (pin 18) LOW. SDATA (pin 19) should be left
unconnected. The parallel output will be active when R/C
(pin 22) is HIGH and CS (pin 23) is LOW. Any other
combination of CS and R/C will tri-state the parallel output.
Valid conversion data can be read in two 8-bit bytes on D7-
D0 (pins 9-13 and 15-17). When BYTE (pin 21) is LOW, the
eight most significant bits will be valid with the MSB on D7.
When BYTE is HIGH, the four least significant bits will be
valid with the LSB on D4. BYTE can be toggled to read both
bytes within one conversion cycle.
Upon initial power up, the parallel output will contain indeter-
minate data.
FIGURE 2. Conversion Timing with Parallel Output (CS and DATACLK tied LOW, EXT/INT tied HIGH).
FIGURE 3. Using CS to Control Conversion and Read Timing with Parallel Outputs.
t
10
BUSY
R/C
MODE
Acquire
Convert
t
11
t
7
t
6
t
3
t
4
t
1
Acquire
Convert
t
8
t
6
t
3
Parallel
Data Bus
Previous
High Byte Valid
t
12
Hi-Z
Not Valid
t
2
t
9
High Byte
Valid
t
12
t
9
t
12
BYTE
t
1
Previous Low
Byte Valid
Previous High
Byte Valid
Low Byte
Valid
High Byte
Valid
t
12
Hi-Z
t
12
t
12
t
5
Hi-Z State
BUSY
R/C
DATA
BUS
High Byte
t
3
t
4
t
21
t
21
t
1
t
21
t
21
BYTE
t
21
t
21
t
21
t
21
t
21
t
21
Hi-Z State
Low Byte
Hi-Z State
t
9
t
12
t
9
t
12
CS


Similar Part No. - ADS7806UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7806U BURR-BROWN-ADS7806U Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806UB BURR-BROWN-ADS7806UB Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7806UE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com