Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7811 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7811
Description  16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7811 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7811_15 Datasheet HTML 1Page - Texas Instruments ADS7811_15 Datasheet HTML 2Page - Texas Instruments ADS7811_15 Datasheet HTML 3Page - Texas Instruments ADS7811_15 Datasheet HTML 4Page - Texas Instruments ADS7811_15 Datasheet HTML 5Page - Texas Instruments ADS7811_15 Datasheet HTML 6Page - Texas Instruments ADS7811_15 Datasheet HTML 7Page - Texas Instruments ADS7811_15 Datasheet HTML 8Page - Texas Instruments ADS7811_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ADS7811
3
SBOS041A
www.ti.com
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
±2.5V
V
Impedance
After Input Capacitor is Charged
100
M
Capacitance
30
pF
THROUGHPUT SPEED
Conversion Cycle
Acquire and Convert
4.0
µs
Throughput Rate
250
kHz
DC ACCURACY
Integral Linearity Error
±6
LSB(1)
No Missing Codes
15
Bits
Transition Noise(2)
0.8
LSB
Full-Scale Error(3)
±0.5
%
Full-Scale Error Drift
±7
ppm/
°C
Full-Scale Error(3)
External 2.5000V Reference
±0.2
%
Full-Scale Error Drift
External 2.5000V Reference
2
ppm/
°C
Bipolar Zero Error
±10
mV
Bipolar Zero Error Drift
±2
ppm/
°C
Power-Supply Sensitivity
+VS ±5%, –VS ±5%
±6
±16
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 100kHz
96
100
dB(4)
Total Harmonic Distortion
fIN = 100kHz
–98
–94
dB
Signal-to-(Noise+Distortion)
fIN = 100kHz
82
87
dB
–60dB Input
28
dB
Signal-to-Noise
fIN = 100kHz
82
87
dB
Usable Bandwidth(5)
1MHz
Aperture Delay
40
ns
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
V
Internal Reference Source Current
1
µA
Internal Reference Drift
15
ppm/
°C
External Reference Voltage Range
2.5
V
External Reference Current Drain
VREF = +2.5V
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
+2.8
+VS +0.3V
V
IIL
±10
µA
IIH
±10
µA
DIGITAL OUTPUTS
Data Format
Data Coding
VOL
ISINK = 1.6mA
+0.4
V
VOH
ISOURCE = 200µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
pF
DIGITAL TIMING
Bus Access Time
83
ns
Bus Relinquish Time
83
ns
POWER SUPPLIES
+VS
+4.75
+5
+5.25
V
–VS
–5.25
–5
–4.75
V
+IS
+30
mA
–IS
–10
mA
Power Dissipation
200
250
mW
TEMPERATURE RANGE
Specified Performance
–25
+85
°C
Storage
–55
+125
°C
NOTES: (1) LSB means Least Significant Bit. For the 16-bit,
±2.5V input ADS7811, one LSB is 76µV.
(2) Typical rms noise at worst case transitions and temperatures.
(3) Full-scale error is the worst case of –Full-Scale or +Full-Scale untrimmed deviation from ideal first and last code transitions, divided by the
transition voltage (not divided by the full-scale range) and includes the effect of offset error.
(4) All specifications in dB are referred to a full-scale
±2.5V input.
(5) Usable Bandwidth defined as Full-Scale input frequency at which Signal-to-(Noise+Distortion) degrades to 60dB, or 10 bits of accuracy.
ELECTRICAL CHARACTERISTICS
At TA = –25°C to +85°C, fS = 250kHz, +VS = +5V, and –VS = –5V, using internal reference, unless otherwise specified.
ADS7811U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Parallel 16 bits
Binary Two’s Complement


Similar Part No. - ADS7811_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7811U BURR-BROWN-ADS7811U Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7811_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com