Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08D1000QML-SP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC08D1000QML-SP
Description  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1000QML-SP Datasheet(HTML) 3 Page - Texas Instruments

  ADC08D1000QML-SP Datasheet HTML 1Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 2Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 3Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 4Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 5Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 6Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 7Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 8Page - Texas Instruments ADC08D1000QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
GND
VA
50k
GND
VA
OUTV/SCLK
OutEdge/DDR/SDATA
VA
GND
VCMO
GND
VINI-
VINI+
GND
12
16
FSR/ECE
CLK+
CLK-
GND
VINQ+
VINQ-
GND
PD
GND
ADC08D1000
20
24
28
CAL
VBG
REXT
32
31
30
29
27
26
25
23
22
21
19
18
17
15
14
13
11
10
1
4
8
9
7
6
5
3
2
DQ7+
DQ7-
OR+
OR-
DCLK-
DCLK+
DI7-
DI7+
DI6-
DI6+
DR GND
DI5-
DI5+
DI4-
DI4+
DI3-
DI3+
DI2-
DI2+
71
81
86
91
96
DQ4+
DQ4-
DQ5+
DQ5-
DR GND
DQ6+
DQ6-
DQ2+
DQ2-
DQ3+
DQ3-
76
66
65
67
68
69
70
73
72
74
75
78
77
79
80
83
82
84
85
88
87
89
90
93
92
94
95
VA
VA
VA
PDQ
VA
VA
VA
VA
DCLK_RST
VDR
VDR
*
ADC08D1000QML, ADC08D1000QML-SP
ADC08D1000WG-QV
www.ti.com
SNAS352G – JANUARY 2007 – REVISED MARCH 2013
Pin Configuration
* Bottom of package must be soldered to ground plane to ensure rated performance.
Figure 1. CFP Package
See Package Number NBC0128A
Pin Descriptions and Equivalent Circuits
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
Output Voltage Amplitude and Serial Interface Clock. Tie this pin
high for normal differential DCLK and data amplitude. Ground this
pin for a reduced differential output amplitude and reduced power
consumption. See The LVDS Outputs. When the extended control
3
OutV / SCLK
mode is enabled, this pin functions as the SCLK input which clocks
in the serial data. See NORMAL/EXTENDED CONTROL for details
on the extended control mode. See THE SERIAL INTERFACE for
description of the serial interface.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC08D1000QML ADC08D1000QML-SP ADC08D1000WG-QV


Similar Part No. - ADC08D1000QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC08D1000QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com