Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08DL500 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08DL500
Description  Low Power, 8-Bit, Dual 500 MSPS A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08DL500 Datasheet(HTML) 4 Page - Texas Instruments

  ADC08DL500 Datasheet HTML 1Page - Texas Instruments ADC08DL500 Datasheet HTML 2Page - Texas Instruments ADC08DL500 Datasheet HTML 3Page - Texas Instruments ADC08DL500 Datasheet HTML 4Page - Texas Instruments ADC08DL500 Datasheet HTML 5Page - Texas Instruments ADC08DL500 Datasheet HTML 6Page - Texas Instruments ADC08DL500 Datasheet HTML 7Page - Texas Instruments ADC08DL500 Datasheet HTML 8Page - Texas Instruments ADC08DL500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
GND
VA
50k
50k
200k
8 pF
GND
VA
GND
VA
50k
50k
200k
8 pF
VA
SDATA
DDR
ADC08DL500
SNAS495C – MARCH 2011 – REVISED MARCH 2011
www.ti.com
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
DCLK Edge Select, Double Data Rate Enable and Serial Data
Input. This input sets the output edge of DCLK+ at which the
OutEdge / DDR /
output data transitions. When this pin is floating or connected
6
SDATA
to 1/2 the supply voltage, DDR clocking is enabled. When the
extended control mode is enabled, this pin functions as the
SDATA input. OutEdge functionality: (2)
DCLK Reset. When single-ended DCLK_RST is selected by
floating or setting pin 58 logic high, a positive pulse on this
pin is used to reset and synchronize the DCLK outputs of
DCLK_RST /
multiple converters. When differential DCLK_RST is selected
17
DCLK_RST+
by setting pin 58 logic low, this pin receives the positive
polarity of a differential pulse signal used to reset and
synchronize the DCLK outputs of multiple converters.
DCLK_RST, DCLK_RST+ functionality: (3)
Power Down Pins. A logic high on the PD pin puts the entire
28
PD
device into the Power Down Mode. PD functionality: (3)
Calibration Cycle Initiate. A minimum tCAL_L input clock cycles
32
CAL
logic low followed by a minimum of tCAL_H input clock cycles
high on this pin initiates the calibration sequence.
Full Scale Range Select, Alternate Extended Control Enable
and DCLK_RST-. This pin has three functions. It can
conditionally control the ADC full-scale voltage, enable the
extended control mode, or become the negative polarity
signal of a differential pair in differential DCLK_RST mode. If
pin 58 and pin 47 are floating or at logic high, this pin can be
used to set the full-scale-range or can be used as an
alternate extended control enable pin . When used as the
FSR pin, a logic low on this pin sets the full-scale differential
FSR/ALT_ECE/DC
input range to a reduced VIN input level. A logic high on this
16
LK_RST-
pin sets the full-scale differential input range to a higher VIN
input level. To enable the extended control mode, whereby
the serial interface and control registers are employed, allow
this pin to float or connect it to a voltage equal to VA/2. Note
that pin 47 overrides the extended control enable of this pin.
When pin 58 is held at logic low, this pin acts as the
DCLK_RST- pin. When in differential DCLK_RST mode, there
is no pin-controlled FSR and the full-scale-range is defaulted
to the higher VIN input level. FSR, ALT_ECE, DCLK_RST-
functionality: (3)
(2)
This pin/bit functionality is not tested in production test; performance is tested in the specified/default mode only.
(3)
This pin/bit functionality is not tested in production test; performance is tested in the specified/default mode only.
4
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: ADC08DL500


Similar Part No. - ADC08DL500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500CIVV TI1-ADC08DL500CIVV Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_14 Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results

Similar Description - ADC08DL500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08DL502 TI1-ADC08DL502 Datasheet
1Mb / 43P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_14 Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com