Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J20IRMPT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J20IRMPT
Description  Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J20IRMPT Datasheet(HTML) 5 Page - Texas Instruments

  ADS54J20IRMPT Datasheet HTML 1Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 2Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 3Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 4Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 5Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 6Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 7Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 8Page - Texas Instruments ADS54J20IRMPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
5
ADS54J20
www.ti.com
SBAS766A – MAY 2016 – REVISED MAY 2016
Product Folder Links: ADS54J20
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
AVDD3V
–0.3
3.6
V
AVDD
–0.3
2.1
DVDD
–0.3
2.1
IOVDD
–0.2
1.4
Voltage between AGND and DGND
–0.3
0.3
V
Voltage applied to input pins
INAP, INBP, INAM, INBM
–0.3
3
V
CLKINP, CLKINM
–0.3
AVDD + 0.3
SYSREFP, SYSREFM
–0.3
AVDD + 0.3
SCLK, SEN, SDIN, RESET, SYNC, PDN
–0.2
2.1
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V HBM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500


Similar Part No. - ADS54J20IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMP TI1-ADS54J40IRMP Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMPT TI1-ADS54J40IRMPT Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J42 TI1-ADS54J42 Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
ADS54J42IRMP TI1-ADS54J42IRMP Datasheet
4Mb / 81P
[Old version datasheet]   Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
More results

Similar Description - ADS54J20IRMPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com