Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54J42IRMP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54J42IRMP
Description  Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J42IRMP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS54J42IRMP Datasheet HTML 3Page - Texas Instruments ADS54J42IRMP Datasheet HTML 4Page - Texas Instruments ADS54J42IRMP Datasheet HTML 5Page - Texas Instruments ADS54J42IRMP Datasheet HTML 6Page - Texas Instruments ADS54J42IRMP Datasheet HTML 7Page - Texas Instruments ADS54J42IRMP Datasheet HTML 8Page - Texas Instruments ADS54J42IRMP Datasheet HTML 9Page - Texas Instruments ADS54J42IRMP Datasheet HTML 10Page - Texas Instruments ADS54J42IRMP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
7
ADS54J42
www.ti.com
SBAS756A – FEBRUARY 2016 – REVISED MARCH 2016
Product Folder Links: ADS54J42
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
See the Power-Down Mode section for details.
7.5 Electrical Characteristics
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 625 MSPS,
50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD = 1.15 V, and –1-dBFS differential input (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
ADC sampling rate
625
MSPS
Resolution
14
Bits
POWER SUPPLIES
AVDD3V
3.0-V analog supply
2.85
3.0
3.6
V
AVDD
1.9-V analog supply
1.8
1.9
2.0
V
DVDD
1.9-V digital supply
1.7
1.9
2.0
V
IOVDD
1.15-V SERDES supply
1.1
1.15
1.2
V
IAVDD3V
3.0-V analog supply current
VIN = full-scale on both channels
247
310
mA
IAVDD
1.9-V analog supply current
VIN = full-scale on both channels
260
410
mA
IDVDD
1.9-V digital supply current
Eight lanes active
(LMFS = 8224)
137
210
mA
IIOVDD
1.15-V SERDES supply current
Eight lanes active
(LMFS = 8224)
382
720
mA
Pdis
Total power dissipation
Eight lanes active
(LMFS = 8224)
1.94
2.68
W
IDVDD
1.9-V digital supply current
Four lanes active (LMFS = 4222),
2X decimation
130
mA
IIOVDD
1.15-V SERDES supply current
Four lanes active (LMFS = 4222),
2X decimation
404
mA
Pdis
Total power dissipation
Four lanes active (LMFS = 4222),
2X decimation
1.95
W
IDVDD
1.9-V digital supply current
Two lanes active (LMFS = 2221),
4X decimation
129
mA
IIOVDD
1.15-V SERDES supply current
Two lanes active (LMFS = 2221),
4X decimation
400
mA
Pdis
(1)
Total power dissipation
Two lanes active (LMFS = 2221),
4X decimation
1.94
W
Global power-down power dissipation
285
315
mW
ANALOG INPUTS (INAP, INAM, INBP, INBM)
Differential input full-scale voltage
1.9
VPP
VIC
Common-mode input voltage
2.0
V
RIN
Differential input resistance
At 170-MHz input frequency
0.6
k
Ω
CIN
Differential input capacitance
At 170-MHz input frequency
4.7
pF
Analog input bandwidth (3 dB)
50-
Ω source driving ADC inputs
terminated with 50
Ω
1.2
GHz
CLOCK INPUT (CLKINP, CLKINM)
Internal clock biasing
CLKINP and CLKINM are
connected to internal biasing
voltage through 400
Ω
1.15
V


Similar Part No. - ADS54J42IRMP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMP TI1-ADS54J40IRMP Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMPT TI1-ADS54J40IRMPT Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
More results

Similar Description - ADS54J42IRMP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com