Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS131A02IPBS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS131A02IPBS
Description  2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131A02IPBS Datasheet(HTML) 4 Page - Texas Instruments

  ADS131A02IPBS Datasheet HTML 1Page - Texas Instruments ADS131A02IPBS Datasheet HTML 2Page - Texas Instruments ADS131A02IPBS Datasheet HTML 3Page - Texas Instruments ADS131A02IPBS Datasheet HTML 4Page - Texas Instruments ADS131A02IPBS Datasheet HTML 5Page - Texas Instruments ADS131A02IPBS Datasheet HTML 6Page - Texas Instruments ADS131A02IPBS Datasheet HTML 7Page - Texas Instruments ADS131A02IPBS Datasheet HTML 8Page - Texas Instruments ADS131A02IPBS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
4
ADS131A02, ADS131A04
SBAS590A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADS131A02 ADS131A04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION(1)
NAME
NO.
ADS131A02
ADS131A04
(2)
Mode signal states are latched following a power-on-reset (POR). Tie these pins high or low with a < 1-k
Ω resistor.
(3)
This pin can have a 10-pF capacitor to GND.
CS
23
23
Digital input
Chip select; active low
DIN
20
20
Digital input
Serial data input
DONE
18
18
Digital output
Communication DONE signal; active low
DOUT
21
21
Digital output
Serial data output.
Connect a 100-k
Ω pullup resistor to IOVDD.
DRDY
19
19
Digital
input/output
Data ready; active low; host interrupt and synchronization for multi-
devices
GND
27
27
Supply
Digital ground
IOVDD
15
15
Supply
Digital I/O supply voltage.
Connect a 1-µF capacitor to GND.
29
29
M0(2)
30
30
Digital input
Serial peripheral interface (SPI) configuration mode.
IOVDD: Asynchronous interrupt mode
GND: Synchronous master mode
No connection(3): Synchronous slave mode; use for multi-device
mode
M1(2)
31
31
Digital input
SPI word transfer size.
IOVDD: 32 bit
GND: 24 bit
No connection(3): 16 bit
M2(2)
32
32
Digital input
Hamming code enable.
IOVDD: Hamming code word validation on
GND: Hamming code word validation off
No connection: reserved; do not use
NC
5
Leave floating or connect directly to AVSS.
6
7
8
NC
24
24
Digital output
No connection
REFEXT
14
14
Analog input
External reference voltage buffered input.
Connect a 1-µF capacitor to AVSS when using the internal
reference.
REFN
13
13
Analog input
Negative reference voltage.
Connect to AVSS.
REFP
12
12
Analog output
Positive reference voltage output.
Connect a 1-µF capacitor to REFN.
RESET
17
17
Digital input
System reset; active low
RESV
16
16
Digital input
Reserved pin; connect to IOVDD
SCLK
22
22
Digital
input/output
Serial data clock
VNCP
11
11
Analog output
Negative charge pump voltage output.
Connect a 270-nF capacitor to AVSS when enabling the negative
charge pump. Connect directly to AVSS if unused.
XTAL1/CLKIN
25
25
Digital input
Master clock input, crystal oscillator buffer input
XTAL2
26
26
Digital output
Crystal oscillator connection.
Leave this pin unconnected if unused.


Similar Part No. - ADS131A02IPBS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131B02-Q1 TI-ADS131B02-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B02QPWRQ1 TI-ADS131B02QPWRQ1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1_V01 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
More results

Similar Description - ADS131A02IPBS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AFE439A2 TI1-AFE439A2 Datasheet
2Mb / 69P
[Old version datasheet]   AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com