Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1015-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1015-Q1
Description  Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1015-Q1 Datasheet HTML 2Page - Texas Instruments ADS1015-Q1 Datasheet HTML 3Page - Texas Instruments ADS1015-Q1 Datasheet HTML 4Page - Texas Instruments ADS1015-Q1 Datasheet HTML 5Page - Texas Instruments ADS1015-Q1 Datasheet HTML 6Page - Texas Instruments ADS1015-Q1 Datasheet HTML 7Page - Texas Instruments ADS1015-Q1 Datasheet HTML 8Page - Texas Instruments ADS1015-Q1 Datasheet HTML 9Page - Texas Instruments ADS1015-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SCL
SDA
t
LOW
t
R
t
F
t
HDSTA
t
HDSTA
t
HDDAT
t
BUF
t
SUDAT
t
HIGH
t
SUSTA
t
SUSTO
P
S
S
P
6
ADS1015-Q1
SBAS511A – JULY 2010 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADS1015-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
All specifications at –40°C to +125°C, VDD = 3.3 V, and Full-Scale (FS) = ±2.048 V, unless otherwise noted. Typical values
are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
VIH
High logic-level input voltage
0.7 VDD
5.5
V
VIL
Low logic-level input voltage
GND – 0.5
0.3 VDD
V
VOL
Low logic-level output
voltage
IOL = 3 mA
GND
0.15
0.4
V
IH
High-level input leakage
VIH = 5.5 V
10
μA
IL
Low-level input leakage
VIL = GND
10
μA
7.6 I
2C Timing Requirements
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL operating frequency
0.01
0.4
0.01
3.4
MHz
tBUF
Bus free time between START and STOP
condition
600
160
ns
tHDSTA
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
tSUSTA
Repeated START condition setup time
600
160
ns
tSUSTO
Stop condition setup time
600
160
ns
tHDDAT
Data hold time
0
0
ns
tSUDAT
Data setup time
100
10
ns
tLOW
SCL clock low period
1300
160
ns
tHIGH
SCL clock high period
600
60
ns
tF
Clock/data fall time
300
160
ns
tR
Clock/data rise time
300
160
ns
Figure 1. I2C Timing Diagram


Similar Part No. - ADS1015-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1015-Q1 TI-ADS1015-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Similar Description - ADS1015-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com