Electronic Components Datasheet Search |
|
ADS1130 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
ADS1130 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page ADS1130 SBAS458A – JUNE 2009 – REVISED SEPTEMBER 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range, unless otherwise noted. ADS1130 UNIT AVDD to AGND –0.3 to +6 V DVDD to DGND –0.3 to +6 V AGND to DGND –0.3 to +0.3 V 100, momentary mA Input current 10, continuous mA Analog input voltage to AGND –0.3 to AVDD + 0.3 V Digital input voltage to DGND –0.3 to DVDD + 0.3 V Maximum junction temperature +150 °C Operating temperature range –40 to +85 °C Storage temperature range –60 to +150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute- maximum-rated conditions for extended periods may affect device reliability. 2 Submit Documentation Feedback Copyright © 2009–2012, Texas Instruments Incorporated Product Folder Links: ADS1130 |
Similar Part No. - ADS1130 |
|
Similar Description - ADS1130 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |