Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1216 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1216 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1216_16 Datasheet HTML 5Page - Texas Instruments ADS1216_16 Datasheet HTML 6Page - Texas Instruments ADS1216_16 Datasheet HTML 7Page - Texas Instruments ADS1216_16 Datasheet HTML 8Page - Texas Instruments ADS1216_16 Datasheet HTML 9Page - Texas Instruments ADS1216_16 Datasheet HTML 10Page - Texas Instruments ADS1216_16 Datasheet HTML 11Page - Texas Instruments ADS1216_16 Datasheet HTML 12Page - Texas Instruments ADS1216_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
www.ti.com
SCLKResetWaveform
t
12
t
14
t
15
t
13
t
13
SCLK
t
17A
DRDY
t
16
RESETDSYNCPDWN
,
,
ADS1216
ResetsOn
FallingEdge
t
17B
DEVICE INFORMATION
24
23
22
21
20
19
18
17
16
15
14
13
RESET
BUFEN
DGND
DGND
DGND
DGND
DGND
R
DAC
IDAC2
IDAC1
V
RCAP
AV
DD
37
38
39
40
41
42
43
44
45
46
47
48
D0
D1
D2
D3
D4
D5
D6
D7
AGND
V
REFOUT
V
REF+
V
REF-
36
35
34
33
32
31
30
29
28
27
26
1
2
3
4
5
6
7
8
9
10
11
25
12
ADS1216
ADS1216
SBAS171D – NOVEMBER 2000 – REVISED SEPTEMBER 2006
SPEC
DESCRIPTION
MIN
MAX
UNITS
t12
300
500
tOSC periods
t13
5
tOSC periods
t14
550
750
tOSC periods
t15
1050
1250
tOSC periods
t16
Pulse width
4
tOSC periods
t17A
DOR data not valid during this update period
4
tOSC periods
t17B
DOR data not valid during this update period
12
tOSC periods
9
Submit Documentation Feedback


Similar Part No. - ADS1216_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1216_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com