Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1211E Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1211E
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1211E Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1211E Datasheet HTML 7Page - Texas Instruments ADS1211E Datasheet HTML 8Page - Texas Instruments ADS1211E Datasheet HTML 9Page - Texas Instruments ADS1211E Datasheet HTML 10Page - Texas Instruments ADS1211E Datasheet HTML 11Page - Texas Instruments ADS1211E Datasheet HTML 12Page - Texas Instruments ADS1211E Datasheet HTML 13Page - Texas Instruments ADS1211E Datasheet HTML 14Page - Texas Instruments ADS1211E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
ADS1210, ADS1211
11
SBAS034B
www.ti.com
f
DATA =
f
XIN • Turbo Mode
512 • Decimation Ratio +1
()
f
DATA =
f
XIN • Turbo Mode
512 • Decimation Ratio +1
()
,t
DATA =
1
f
DATA
FILTER RESPONSE
Frequency (Hz)
–40
–60
–80
–100
–120
–140
–160
45
46
47
48
49
50
51
52
53
54
55
FILTER RESPONSE
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
0
50
100
150
200
250
300
NORMALIZED DIGITAL FILTER RESPONSE
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
01
2
3
4
5
6
FIGURE 3. Digital Filter Response at a Data Rate of 60Hz.
f
MOD =
f
XIN • Turbo Mode
512
f
SAMP =
f
XIN • Turbo Mode • Gain Setting
512
FIGURE 1. Normalized Digital Filter Response.
FIGURE 2. Digital Filter Response at a Data Rate of 50Hz.
If the effective resolution at a 50Hz or 60Hz data rate is not
adequate for the particular application, then power line fre-
quencies could still be rejected by operating the ADS1210/11
at 25/30Hz, 16.7/20Hz, 12.5/15Hz, etc. If a higher data rate
is needed, then power line frequencies must either be rejected
before conversion (with an analog notch filter) or after
conversion (with a digital notch filter running on the main
controller).
fXIN—The frequency of the crystal oscillator or CMOS
compatible input signal at the XIN input of the ADS1210/11.
fMOD—The frequency or speed at which the modulator of the
ADS1210/11 is running, given by the following equation:
fSAMP—The frequency or switching speed of the input
sampling capacitor. The value is given by the following
equation:
fDATA, tDATA—The frequency of the digital output data
produced by the ADS1210/11 or the inverse of this (the
period), respectively, fDATA is also referred to as the data rate.
Conversion Cycle—The term “conversion cycle” usually
refers to a discrete A/D conversion operation, such as that
performed by a successive approximation converter. As
used here, a conversion cycle refers to the tDATA time period.
However, each digital output is actually based on the modu-
lator results from the last three tDATA time periods.
DIGITAL FILTER
The digital filter of the ADS1210/11 computes the output
result based on the most recent results from the delta-sigma
modulator. The number of modulator results that are used
depend on the decimation ratio set in the Command Regis-
ter. At the most basic level, the digital filter can be thought
of as simply averaging the modulator results and presenting
this average as the digital output.
While the decimation ratio determines the number of modu-
lator results to use, the modulator runs faster at higher Turbo
Modes. These two items, together with the ADS1210/11
clock frequency, determine the output data rate:
Also, since the conversion result is essentially an average,
the data rate determines where the resulting notches are in
the digital filter. For example, if the output data rate is 1kHz,
then a 1kHz input frequency will average to zero during the
1ms conversion cycle. Likewise, a 2kHz input frequency
will average to zero, etc.
In this manner, the data rate can be used to set specific notch
frequencies in the digital filter response (see Figure 1 for the
normalized response of the digital filter). For example, if the
rejection of power line frequencies is desired, then the data
rate can simply be set to the power line frequency. Figures
2 and 3 show the digital filter response for a data rate of
50Hz and 60Hz, respectively.
FILTER RESPONSE
Frequency (Hz)
–40
–60
–80
–100
–120
–140
–160
55
56
57
58
59
60
61
62
63
64
65
FILTER RESPONSE
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
0
50
100
150
200
250
300


Similar Part No. - ADS1211E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1211E BURR-BROWN-ADS1211E Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1211E TI1-ADS1211E Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211E1K TI1-ADS1211E1K Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211E1KG4 TI1-ADS1211E1KG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1211EG4 TI1-ADS1211EG4 Datasheet
1Mb / 51P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1211E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com