Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1259-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1259-Q1
Description  ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1259-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1259-Q1 Datasheet HTML 1Page - Texas Instruments ADS1259-Q1 Datasheet HTML 2Page - Texas Instruments ADS1259-Q1 Datasheet HTML 3Page - Texas Instruments ADS1259-Q1 Datasheet HTML 4Page - Texas Instruments ADS1259-Q1 Datasheet HTML 5Page - Texas Instruments ADS1259-Q1 Datasheet HTML 6Page - Texas Instruments ADS1259-Q1 Datasheet HTML 7Page - Texas Instruments ADS1259-Q1 Datasheet HTML 8Page - Texas Instruments ADS1259-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADS1259-Q1
www.ti.com
SLASE20 – MARCH 2014
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
AVDD to AVSS
4.75
5.0
5.25
V
Analog power supply
AVSS to DGND
–2.6
–2.5
0
V
Digital power supply
DVDD to DGND
2.7
3.3
5.25
V
ANALOG INPUTS
Absolute input voltage
AINP or AINN
AVSS – 0.1
AVDD + 0.1
V
Differential input voltage(1)
V(IN) = (V(AINP) – V(AINN))
–Vref
Vref
V
VOLTAGE REFERENCE INPUTS
AVDD – AVSS +
Reference input voltage
Vref = (V(REFP) – V(REFN))
0.5
2.5
V
0.2
Absolute negative reference voltage
REFN
AVSS – 0.1
AVSS
REFP – 0.5
V
Absolute positive reference voltage
REFP
REFN + 0.5
AVSS + 2.5
AVDD + 0.1
V
EXTERNAL CLOCK SOURCES (f(CLK))
Crystal oscillator
Frequency
2
7.3728
8
MHz
Frequency
0.1
7.3728
8
MHz
External clock
Duty cycle
40%
60%
DIGITAL INPUTS
High-level input voltage, VIH
0.8 DVDD
DVDD
V
Low-level input voltage, VIL
DGND
0.2 DVDD
V
TEMPERATURE RANGE
Operating ambient temperature, TA
–40
125
°C
(1)
Excluding the effects of offset and gain error.
6.4 Thermal Information
PW
THERMAL METRIC(1)
UNIT
(20 TERMINALS)
RθJA
Junction-to-ambient thermal resistance
86.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
21
°C/W
RθJB
Junction-to-board thermal resistance
39.1
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
38.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1259-Q1


Similar Part No. - ADS1259-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPW TI-ADS1259BIPW Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPW TI1-ADS1259BIPW Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Similar Description - ADS1259-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com