Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1259QPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1259QPWRQ1
Description  ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1259QPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1259QPWRQ1 Datasheet HTML 1Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 2Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 3Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 4Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 5Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 6Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 7Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 8Page - Texas Instruments ADS1259QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AINP
AINN
RESETPWDN
/
START
SYNCOUT
CS
SCLK
DIN
DOUT
DRDY
AVDD
AVSS
REFN
REFP
REFOUT
DVDD
DGND
BYPASS
XTAL2
XTAL1/CLKIN
ADS1259-Q1
www.ti.com
SLASE20 – MARCH 2014
5 Terminal Configuration and Functions
20-Terminal TSSOP
PW Package
(Top View)
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NO.
NAME
1
AINP
Analog input
Positive analog input
2
AINN
Analog input
Negative analog input
3
RESET/PWDN
Digital input
Reset or power down; reset is active-low; hold low for power down.
4
START
Digital input
Start conversions, active-high
5
SYNCOUT
Digital output
Sync clock output (f(CLK) / 8)
6
CS
Digital input
SPI chip-select, active-low
7
SCLK
Digital input
SPI clock input
8
DIN
Digital input
SPI data input
9
DOUT
Digital output
SPI data output
10
DRDY
Digital output
Data-ready output, active-low
Internal oscillator: DGND
11
XTAL1/CLKIN
Digital input
External clock: clock input
Crystal oscillator: external crystal1
12
XTAL2
Digital
External crystal2, otherwise no connection
13
BYPASS
Analog
Core voltage bypass. Connect a 1-µF capacitor to DGND.
14
DGND
Digital
Digital ground
15
DVDD
Digital
Digital power supply
16
REFOUT
Analog output
Positive internal reference output. Connect a 1-µF capacitor, CREFOUT, to AVSS.
17
REFP
Analog input
Positive reference input. Connect a 1-µF capacitor, CREFIN, to REFN.
(1)
18
REFN
Analog input
Negative reference input(1)
19
AVSS
Analog
Negative analog power supply and negative internal reference output
20
AVDD
Analog
Positive analog power supply
(1)
Leave unused reference inputs unconnected or tie to AVDD.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS1259-Q1


Similar Part No. - ADS1259QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPW TI-ADS1259BIPW Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPW TI1-ADS1259BIPW Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Similar Description - ADS1259QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1259 TI1-ADS1259_14 Datasheet
957Kb / 49P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com