Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1282HIPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1282HIPWR
Description   Radiation Tolerant High-Resolution Delta Sigma ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1282HIPWR Datasheet(HTML) 5 Page - Texas Instruments

  ADS1282HIPWR Datasheet HTML 1Page - Texas Instruments ADS1282HIPWR Datasheet HTML 2Page - Texas Instruments ADS1282HIPWR Datasheet HTML 3Page - Texas Instruments ADS1282HIPWR Datasheet HTML 4Page - Texas Instruments ADS1282HIPWR Datasheet HTML 5Page - Texas Instruments ADS1282HIPWR Datasheet HTML 6Page - Texas Instruments ADS1282HIPWR Datasheet HTML 7Page - Texas Instruments ADS1282HIPWR Datasheet HTML 8Page - Texas Instruments ADS1282HIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
5
ADS1282-SP
www.ti.com
SBAS691 – MARCH 2016
Product Folder Links: ADS1282-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
15
AINP2
Analog input
Positive analog input 2
16
AINN2
Analog input
Negative analog input 2
17
AINP1
Analog input
Positive analog input 1
18
AINN1
Analog input
Negative analog input 1
19
AVDD
Analog supply
Positive analog power supply
20
AVSS
Analog supply
Negative analog power supply
21
VREFN
Analog input
Negative reference input
22
VREFP
Analog input
Positive reference input
23
PWDN
Digital input
Power-down input, active low
24
RESET
Digital input
Reset input, active low
26
DVDD
Digital supply
Digital power supply: 1.8 V to 3.3 V
28
BYPAS
Analog
Sub-regulator output: Connect 1-
μF capacitor to DGND
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AVSS
–0.3
5.5
V
AVSS to DGND
–2.8
0.3
V
DVDD to DGND
–0.3
3.9
V
Input current
100, momentary
mA
Input current
10, continuous
mA
Analog input voltage (AINP1, AINN1, AINP2, AINN2, VREFN, VREFP,
CAPP, CAPN)
AVSS – 0.3
AVDD + 0.3
V
Digital input voltage to DGND (CLK, SCLK, DRDY, DOUT, DIN, MCLK,
M1, M0, MFLAG, SYNC, PWDN, RESET)
–0.3
DVDD + 0.3
V
Storage temperature, Tstg
–60
150
°C
7.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating temperature
–55
125
°C


Similar Part No. - ADS1282HIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282HPW TI1-ADS1282HPW Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1282HPW TI1-ADS1282HPW Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
More results

Similar Description - ADS1282HIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282-HT TI1-ADS1282-HT_16 Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
[Old version datasheet]   ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com