Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1286PA Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1286PA
Description  12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1286PA Datasheet(HTML) 3 Page - Texas Instruments

  ADS1286PA Datasheet HTML 1Page - Texas Instruments ADS1286PA Datasheet HTML 2Page - Texas Instruments ADS1286PA Datasheet HTML 3Page - Texas Instruments ADS1286PA Datasheet HTML 4Page - Texas Instruments ADS1286PA Datasheet HTML 5Page - Texas Instruments ADS1286PA Datasheet HTML 6Page - Texas Instruments ADS1286PA Datasheet HTML 7Page - Texas Instruments ADS1286PA Datasheet HTML 8Page - Texas Instruments ADS1286PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
®
ADS1286
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits
be handled and stored using appropriate ESD protection
methods.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
+VCC ..................................................................................................... +6V
Analog Input ....................................................... –0.3V to (+VCC + 300mV)
Logic Input ......................................................... –0.3V to (+VCC + 300mV)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Reference Voltage .............................................................. +5.5V
NOTE: (1) Stresses above these ratings may permanently damage the device.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
+V
CC
DCLOCK
D
OUT
CS/SHDN
V
REF
+In
–In
GND
ADS1286
8-Pin Mini PDIP
8-Lead SOIC
PIN ASSIGNMENTS
PIN
NAME
DESCRIPTION
1VREF
Reference Input.
2
+In
Non Inverting Input.
3
–In
Inverting Input. Connect to ground or remote ground sense point.
4
GND
Ground.
5
CS/SHDN
Chip Select when low, Shutdown Mode when high.
6DOUT
The serial output data word is comprised of 12 bits of data. In operation the data is valid on the falling edge of DCLOCK. The
second clock pulse after the falling edge of CS enables the serial output. After one null bit the data is valid for the next 12 edges.
7
DCLOCK
Data Clock synchronizes the serial data transfer and determines conversion speed.
8+VCC
Power Supply.
PACKAGE
INTEGRAL
TEMPERATURE
DRAWING
PRODUCT
LINEARITY
RANGE
PACKAGE
NUMBER(1)
ADS1286P
±20°C to +70°C
Plastic DIP
006
ADS1286PK
±20°C to +70°C
Plastic DIP
006
ADS1286PL
±10°C to +70°C
Plastic DIP
006
ADS1286U
±20°C to +70°C
SOIC
182
ADS1286UK
±20°C to +70°C
SOIC
182
ADS1286UL
±10°C to +70°C
SOIC
182
ADS1286PA
±2
–40
°C to +85°C
Plastic DIP
006
ADS1286PB
±2
–40
°C to +85°C
Plastic DIP
006
ADS1286PC
±1
–40
°C to +85°C
Plastic DIP
006
ADS1286UA
±2
–40
°C to +85°C
SOIC
182
ADS1286UB
±2
–40
°C to +85°C
SOIC
182
ADS1286UC
±1
–40
°C to +85°C
SOIC
182
PACKAGE/ORDERING INFORMATION
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix
C of Burr-Brown IC Data Book.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - ADS1286PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286PA BURR-BROWN-ADS1286PA Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286PA BURR-BROWN-ADS1286PA Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1286PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7817 BURR-BROWN-ADS7817 Datasheet
172Kb / 15P
   12-Bit Differential Input Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com