Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

442NA3H102AAN Datasheet(PDF) 1 Page - CTS Corporation

Part # 442NA3H102AAN
Description  Commercial Linear Motion Carbon Composition Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

442NA3H102AAN Datasheet(HTML) 1 Page - CTS Corporation

  442NA3H102AAN Datasheet HTML 1Page - CTS Corporation 442NA3H102AAN Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Commercial
Linear Motion
Carbon Composition
Slide Potentiometer
• 11/4" (31.7mm) travel
1/4 watt power rating
• Choice of resistance tapers
• Economical
• Wide resistance range
• Choice of mounting styles
Electrical and Mechanical Specifications
Resistance Range
200 ohms through 5 Megohms, linear
Consult CTS for audio taper
Resistance Tolerance
Power Rating, Watts
1/4 watt @ 55°C derated to no load @ 85°C,
linear taper, control mounted on steel panel
4" x 4" x .050" (101.6mm x 101.6mm x 1.27mm).
Voltage Rating
Across end terminals:
Linear curves
— 500 VDC
Tapered curves — 350 VDC
(Not to exceed wattage ratings)
Between case and end terminals:
1080 VAC RMS
Resistance Tapers
Standard: Linear
Special:
Available upon request
Actuator Travel
11/4 inches (31.7mm)
Actuator Information
See illustrations, page 2.
Operating Force
Either direction 1 to 9 oz. (28 to 256 g )
Measured .250" (6.35mm) from base of actuator
Stop Strength
Maximum — 35 lbs. (15.9 kg) measured
at base of actuator
Terminal Information
Straight, vertical or snap-in to printed circuit board,
wirewrap or solder lug styles.
Mounting Information
Top, bottom, side twist tab or no twist tab mounting —
refer to illustrations, page 2.
Features
Operating Temperature
0°C to +70°C
• RoHS compliant
1 - 2
© 201 CTS Corporation. All rights reserved. I nformation subject to change.
01/12/16
CTS Electrocomponents
www.ctscorp.com
Series 442 Data Sheet
Slide Potentiometer
±30%, ±20%, ±10%
Potentiometer Life
10,000 cycles
6


Similar Part No. - 442NA3H102AAN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
List of Unclassifed Man...
442 ETC2-442 Datasheet
379Kb / 1P
   Wiha Quality Tools
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
List of Unclassifed Man...
442-987 ETC2-442-987 Datasheet
24Kb / 1P
   Tap Wrenches - Chuck Type
442-999 ETC2-442-999 Datasheet
24Kb / 1P
   Tap Wrenches - Chuck Type
More results

Similar Description - 442NA3H102AAN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448 CTS-448 Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com