Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11241 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74AC11241
Description  OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11241 Datasheet(HTML) 2 Page - Texas Instruments

  74AC11241 Datasheet HTML 1Page - Texas Instruments 74AC11241 Datasheet HTML 2Page - Texas Instruments 74AC11241 Datasheet HTML 3Page - Texas Instruments 74AC11241 Datasheet HTML 4Page - Texas Instruments 74AC11241 Datasheet HTML 5Page - Texas Instruments 74AC11241 Datasheet HTML 6Page - Texas Instruments 74AC11241 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
54AC11241, 74AC11241
OCTAL BUFFERS/LINE DRIVERS
WITH 3STATE OUTPUTS
SCAS032A − JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−2
logic symbol
logic diagram (positive logic)
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
1G
24
1A1
1A2
1A3
1A4
23
22
21
20
1Y1
1Y2
1Y3
1Y4
1
2
3
4
2G
13
2A1
2A2
2A3
2A4
17
16
15
14
2Y1
2Y2
2Y3
2Y4
9
10
11
12
2A4
2A3
2A2
2A1
2G
1A4
1A3
1A2
1A1
1G
2Y4
2Y3
2Y2
2Y1
1Y4
1Y3
1Y2
1Y1
12
11
10
9
4
3
2
1
14
15
16
17
13
EN
20
21
22
23
24
EN
Pin numbers shown are for the DW, JT, and NT packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
− 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
± 200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74AC11241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11241 TI-74AC11241 Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74AC11241DW TI-74AC11241DW Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74AC11241DWR TI-74AC11241DWR Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
74AC11241NT TI-74AC11241NT Datasheet
93Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11241

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com