Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11534DW Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AC11534DW
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11534DW Datasheet(HTML) 1 Page - Texas Instruments

  74AC11534DW Datasheet HTML 1Page - Texas Instruments 74AC11534DW Datasheet HTML 2Page - Texas Instruments 74AC11534DW Datasheet HTML 3Page - Texas Instruments 74AC11534DW Datasheet HTML 4Page - Texas Instruments 74AC11534DW Datasheet HTML 5Page - Texas Instruments 74AC11534DW Datasheet HTML 6Page - Texas Instruments 74AC11534DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54AC11534, 74AC11534
OCTAL DTYPE EDGETRIGGERED FLIPFLOPS
WITH 3STATE OUTPUTS
SCAS037A − JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Eight D-Type Flip-Flops in a Single Package
3-State Bus Driving Inverting Outputs
Full Parallel Access for Loading
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations to
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic Small-
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
description
These eight flip-flops feature 3-state outputs
designed for implementing buffer registers, I/O
ports, bidirectional bus drivers, and working
registers.
The eight flip-flops of the
′AC11534 are edge-
triggered, D-type flip-flops.
On the positive
transition of the clock, the Q outputs are set to the
complement of the logic levels at the D inputs. The
′AC11534 is functionally equivalent to the
′AC11374 except for having inverted outputs.
An output-control input (OC) is used to place the
eight outputs in either a normal logic state (high or
low logic levels) or a high-impedance state. In the
high-impedance state, the outputs neither load
nor drive the bus lines significantly.
The
high-impedance third state and increased drive
provide the capability to drive the bus lines in a
bus-organized system without need for interface
or pull-up components. The output control (OC)
does not affect the internal operation of the
flip-flops. Old data can be retained or new data
can be entered while the outputs are in the
high-impedance state.
The 54AC11534 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74AC11534 is characterized for
operation from − 40
°C to 85°C.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Q
2Q
3Q
4Q
GND
GND
GND
GND
5Q
6Q
7Q
8Q
OC
1D
2D
3D
4D
VCC
VCC
5D
6D
7D
8D
CLK
54AC11534 . . . JT PACKAGE
74AC11534 . . . DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
7D
8D
CLK
NC
8Q
7Q
6Q
2D
1D
OC
NC
1Q
2Q
3Q
4
15 16 17 18
54AC11534 . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
INPUTS
OUTPUT
Q
L
L
L
H
FUNCTION TABLE
(each filp-flop)
OC
CLK
D
L
X
H
L
X
X
L
H
Q0
Z
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74AC11534DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11534DW TI-74AC11534DW Datasheet
102Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11534DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com