Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11378 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74AC11378
Description  HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11378 Datasheet(HTML) 5 Page - Texas Instruments

  74AC11378_10 Datasheet HTML 1Page - Texas Instruments 74AC11378_10 Datasheet HTML 2Page - Texas Instruments 74AC11378_10 Datasheet HTML 3Page - Texas Instruments 74AC11378_10 Datasheet HTML 4Page - Texas Instruments 74AC11378_10 Datasheet HTML 5Page - Texas Instruments 74AC11378_10 Datasheet HTML 6Page - Texas Instruments 74AC11378_10 Datasheet HTML 7Page - Texas Instruments 74AC11378_10 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AC11378
HEX D-TYPE FLIP-FLOP
WITH CLOCK ENABLE
SCAS150 − APRIL 1991 − REVISED APRIL 1993
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
90
115
90
MHz
tPLH
CLK
Any Q
3
7.6
9.5
3
10.9
ns
tPHL
CLK
Any Q
3.6
9.8
12.8
3.6
14
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
110
140
110
MHz
tPLH
CLK
Any Q
2.4
4.3
7
2.4
7.7
ns
tPHL
CLK
Any Q
3
6.2
8.8
3
9.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
30
pF


Similar Part No. - 74AC11378_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11378D PHILIPS-74AC11378D Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
74AC11378DW PHILIPS-74AC11378DW Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
74AC11378N PHILIPS-74AC11378N Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
More results

Similar Description - 74AC11378_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11378 PHILIPS-74AC11378 Datasheet
167Kb / 7P
   HEX D-TYPE FLIP FLOP WITH ENABLE, POSITIVE EDGE TRIGGER
October 17 1990
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com