Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11377N Datasheet(PDF) 2 Page - Texas Instruments

Part # 74AC11377N
Description  OCTAL D TYPE FLIP FLOP WITH ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11377N Datasheet(HTML) 2 Page - Texas Instruments

  74AC11377N Datasheet HTML 1Page - Texas Instruments 74AC11377N Datasheet HTML 2Page - Texas Instruments 74AC11377N Datasheet HTML 3Page - Texas Instruments 74AC11377N Datasheet HTML 4Page - Texas Instruments 74AC11377N Datasheet HTML 5Page - Texas Instruments 74AC11377N Datasheet HTML 6Page - Texas Instruments 74AC11377N Datasheet HTML 7Page - Texas Instruments 74AC11377N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AC11377
OCTAL DTYPE FLIPFLOP
WITH CLOCK ENABLE
SCAS101 − D3420, FEBRUARY 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2−2
logic symbol
logic diagram (positive logic)
C1
C1
C1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
8D
7D
6D
5D
4D
3D
2D
1D
CLK
CLKEN
14
15
16
17
20
21
22
23
13
24
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
12
11
10
9
4
3
2
1
2D
1C2
G1
8D
7D
6D
5D
4D
3D
2D
1D
CLK
CLKEN
14
15
16
17
20
21
22
23
15
24
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
12
11
10
9
4
3
2
1
1D
C1
1D
C1
1D
C1
1D
C1
1D
C1
1D
1D
1D
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
− 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
− 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
− 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
± 200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74AC11377N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11377N PHILIPS-74AC11377N Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74AC11377N TI1-74AC11377N Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
NXP Semiconductors
74AC11377NT PHILIPS-74AC11377NT Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74AC11377NT TI1-74AC11377NT Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results

Similar Description - 74AC11377N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com