Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N748A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N748A
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N748A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N748A Datasheet HTML 1Page - Fairchild Semiconductor 1N748A Datasheet HTML 2Page - Fairchild Semiconductor 1N748A Datasheet HTML 3Page - Fairchild Semiconductor 1N748A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
1N4370A - 1N4372A 1N746A - 1N759A, Rev. C1
Top Mark Information
Device
Line 1
Line 2
Line 3
Line 5
1N4370A
1N4371A
1N4372A
1N746A
1N747A
LOGO
LOGO
LOGO
LOGO
LOGO
437
437
437
746
747
0A
1A
2A
A
A
XY
XY
XY
XY
XY
1N748A
1N749A
1N750A
1N751A
1N752A
LOGO
LOGO
LOGO
LOGO
LOGO
748
749
750
751
752
A
A
A
A
A
XY
XY
XY
XY
XY
1N753A
1N754A
1N755A
1N756A
1N757A
LOGO
LOGO
LOGO
LOGO
LOGO
753
754
755
756
757
A
A
A
A
A
XY
XY
XY
XY
XY
1N758A
1N759A
LOGO
LOGO
758
759
A
A
XY
XY


Similar Part No. - 1N748A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N748A FAIRCHILD-1N748A Datasheet
21Kb / 2P
   Half Watt Zeners
logo
Micro Commercial Compon...
1N748A MCC-1N748A Datasheet
371Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Compensated Deuices Inc...
1N748A CDI-DIODE-1N748A Datasheet
23Kb / 2P
   DOUBLE PLUG CONSTRUCTION
logo
General Semiconductor
1N748A GE-1N748A Datasheet
36Kb / 2P
   ZENER DIODES
logo
Leshan Radio Company
1N748A LRC-1N748A Datasheet
36Kb / 1P
   1N43 1N7 SERIES ZENER DIODES
More results

Similar Description - 1N748A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com