Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11620 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74AC11620
Description  OCTAL TRANSCEIVER WITH DUAL ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11620 Datasheet(HTML) 6 Page - Texas Instruments

  74AC11620_09 Datasheet HTML 1Page - Texas Instruments 74AC11620_09 Datasheet HTML 2Page - Texas Instruments 74AC11620_09 Datasheet HTML 3Page - Texas Instruments 74AC11620_09 Datasheet HTML 4Page - Texas Instruments 74AC11620_09 Datasheet HTML 5Page - Texas Instruments 74AC11620_09 Datasheet HTML 6Page - Texas Instruments 74AC11620_09 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
74AC11620
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS062A − JULY 1987 − REVISED APRIL 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
LOAD CIRCUIT FOR OUTPUTS
S1
2
× VCC
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
2
× VCC
GND
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
50%
50%
≈ VCC
0 V
50% VCC
0 V
VCC
(see Note A)
50% VCC
20% VCC
80% VCC
tPLH
tPHL
50%
50%
0 V
50% VCC
50% VCC
VOH
VOL
Input
(see Note B)
Output
(see Note D)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
VCC
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Zo = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
For testing pulse duration: tr = tf = 1 to 3 ns. Pulse polarity can be either high-to-low-to-high or low-to-high-to-low.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - 74AC11620_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11620 TI1-74AC11620_09 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
More results

Similar Description - 74AC11620_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623 TI1-74AC11623_09 Datasheet
108Kb / 6P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com