Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11620N Datasheet(PDF) 2 Page - Texas Instruments

Part # 74AC11620N
Description  OCTAL TRANSCEIVER WITH DUAL ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11620N Datasheet(HTML) 2 Page - Texas Instruments

  74AC11620N Datasheet HTML 1Page - Texas Instruments 74AC11620N Datasheet HTML 2Page - Texas Instruments 74AC11620N Datasheet HTML 3Page - Texas Instruments 74AC11620N Datasheet HTML 4Page - Texas Instruments 74AC11620N Datasheet HTML 5Page - Texas Instruments 74AC11620N Datasheet HTML 6Page - Texas Instruments 74AC11620N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
74AC11620
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS062A − JULY 1987 − REVISED APRIL 1993
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic symbol
logic diagram (positive logic)
2
A1
B1
EN2
24
OEAB
1
A1
2
A2
B1
23
3
A3
4
A4
9
A5
10
A6
11
A7
12
A8
B2
22
B3
21
B5
17
B4
20
B6
16
B8
14
B7
15
OEBA
1
13
24
23
1
EN1
13
OEBA
OEAB
To 7 Other Channels
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND pins
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.


Similar Part No. - 74AC11620N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11620N PHILIPS-74AC11620N Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11620N TI1-74AC11620N Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
More results

Similar Description - 74AC11620N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623 TI1-74AC11623_09 Datasheet
108Kb / 6P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com